Electronic Components Datasheet Search
  English  ▼

X  

QPD1013 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # QPD1013
Description  150W, 65V, DC – 2.7 GHz, GaN RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1013 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button QPD1013 Datasheet HTML 16Page - Qorvo, Inc QPD1013 Datasheet HTML 17Page - Qorvo, Inc QPD1013 Datasheet HTML 18Page - Qorvo, Inc QPD1013 Datasheet HTML 19Page - Qorvo, Inc QPD1013 Datasheet HTML 20Page - Qorvo, Inc QPD1013 Datasheet HTML 21Page - Qorvo, Inc QPD1013 Datasheet HTML 22Page - Qorvo, Inc QPD1013 Datasheet HTML 23Page - Qorvo, Inc QPD1013 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
QPD1013
150W, 65V, DC
– 2.7 GHz, GaN RF Transistor
Rev. A
- 20 of 25 -
Disclaimer: Subject to change without notice
© 2017 Qorvo
www.qorvo.com
Pin Layout 1
Notes:
1. The QPD1013
will be marked with the “QPD1013” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the calendar year the part was manufactured, the “MM” is the work week of the assembly lot
start, the “MXXX” is the batch ID.
Pin Description
Pin
Symbol
Description
1
– 3
VG / RF IN
Gate voltage / RF Input
4
– 6
VD / RF OUT
Drain voltage / RF Output
7
Back Plane
Source to be connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com