Electronic Components Datasheet Search
  English  ▼

X  

FS3000-1015 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FS3000-1015
Description  Air Velocity Sensor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-1015 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button FS3000-1015 Datasheet HTML 4Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 5Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 6Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 7Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 8Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 9Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 10Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 11Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FS3000 Datasheet
R36DS0009EU0100 Rev.1.00
May 31, 2022
Page 8
5.
Functional Description
5.1
I2C Sensor Interface
The FS3000 includes an I2C digital, two-wire interface with a bidirectional data line (SDA) and a clock line (SCL).
The two lines are open drain and connected to the supply voltage via two pull-up resistors (Rp). The FS3000
operates as a slave device on the I2C bus with support of 100kHz and 400kHz bit rates.
Figure 4. I2C Master-Slave Configuration
The recommended pull-up resistor (Rp) values depend on the system implementation, but a value between
2.2kΩ and 10kΩ can be used.
The capacitive load on both SDA and SCL should be the same; therefore, the signal lengths should be similar to
avoid asymmetry.
5.1.1.
Sensor Slave Address
The FS3000 default I2C address is 28HEX. The device will respond only to this 7-bit address.
5.1.2.
I2C Communication
The START condition is used to initiate I2C communication by the master. The sensor transmission is initiated
when the master sends a 0 START bit (S). A HIGH-to-LOW transition on the SDA line while the SCL is HIGH
indicates the beginning of a transmission.
The STOP condition is used to stop I2C communication by the master. The transmission is terminated when the
master sends a 1 STOP bit (P). A LOW-to-HIGH transition on the SDA line while the SCL is HIGH indicates the
end of a transmission.
All transfers consist of 8 bits and a response bit: 0 for Acknowledge (ACK) or 1 for Not Acknowledge (NACK).
After the ACK is received, another data byte can be transferred or the communication can be stopped with a
STOP bit.
The master expects an ACK back from the slave after each byte is transmitted. The slave pulls the SDA low to
indicate that it has received a byte and then it frees the I2C bus again. If the slave does not initiate an ACK then
it will consider it a NACK.
Data on the SDA line is always sampled on the rising edge of the SCL line and must remain stable while SCL is
HIGH to prevent false START or STOP conditions.
START Condi tion
STOP Condition
STOP
SDA
SCL
SDA
SCL
START
Figure 5. START and STOP Condition Waveform
I2C MAIN
MASTER
I2C
SLAVE
SDA
SCL
Rp
Rp
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com