Electronic Components Datasheet Search
  English  ▼

X  

FS3000-1015 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # FS3000-1015
Description  Air Velocity Sensor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-1015 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button FS3000-1015 Datasheet HTML 5Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 6Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 7Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 8Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 9Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 10Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 11Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 12Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
FS3000 Datasheet
R36DS0009EU0100 Rev.1.00
May 31, 2022
Page 12
7.
Ordering Information
Part Number
Description
MSL Rating
Carrier Type
Temp. Range
FS3000-1005
0 to 7 m/sec air velocity module
3
Reel
-20°C to +85°C
FS3000-1015
0 to 15 m/sec air velocity module
3
8.
Revision History
Revision
Date
Description
1.00
May 31, 2022
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com