Electronic Components Datasheet Search
  English  ▼

X  

FS3000-1015 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # FS3000-1015
Description  Air Velocity Sensor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-1015 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button FS3000-1015 Datasheet HTML 5Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 6Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 7Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 8Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 9Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 10Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 11Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 12Page - Renesas Technology Corp FS3000-1015 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FS3000 Datasheet
R36DS0009EU0100 Rev.1.00
May 31, 2022
Page 9
5.2
Digital Output Measurements
The FS3000 continuously measures during operation. The data is sent in byte packages. Each byte is followed
by an ACK from the slave. The most significant bit (MSB) is transmitted first.
To read the data, the following command is sent to the FS3000.
After the START bit, the master device sends the 7-bit slave address followed by an eighth bit = 1 (READ). The
READ bit indicates a transmission from the FS3000 (slave) to master (see Figure 6).
The checksum used for data integrity is returned from the FS3000 followed by the two bytes of flow data.
The flow data is a 12-bit integer. Only the least significant four bits in the high byte are valid (see Figure 7).
Figure 6. Flow Data Read Command
Figure 7. Flow Data from FS3000
S START Condition
R READ Mode
P STOP Condition
A Acknowledge (ACK)
6
5
4
3
2
1
0
S
0
1
0
1
0
0
0 R (1) A
Byte
Device Slave Address (0x28), [6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com