Electronic Components Datasheet Search
  English  ▼

X  

BQ24070 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24070
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24070 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ24070 Datasheet HTML 12Page - Texas Instruments BQ24070 Datasheet HTML 13Page - Texas Instruments BQ24070 Datasheet HTML 14Page - Texas Instruments BQ24070 Datasheet HTML 15Page - Texas Instruments BQ24070 Datasheet HTML 16Page - Texas Instruments BQ24070 Datasheet HTML 17Page - Texas Instruments BQ24070 Datasheet HTML 18Page - Texas Instruments BQ24070 Datasheet HTML 19Page - Texas Instruments BQ24070 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ti.com
VBAT
VOUT
VAC
IUSB
Battery Temperature Monitoring
bq24070
SLUS694A – MARCH 2006 – REVISED MARCH 2006
FUNCTIONAL DESCRIPTIONS (continued)
Figure 7. Insert Battery – Power-Up Output via BAT
Figure 8 illustrates USB boot up and power-up via USB; channel 1 (CH1) V(USH) = 0 to 5 V; channel 2 (CH2)
USB input current (0.2 A/div); Mode = Low; CE = High; ISET2 = High; VBAT = 3.85 V; V(DPPM) = 3.0 V (V(DPPM) ×
1.15 < VBAT, otherwise DPPM mode increases time duration). When a USB source is applied (if AC is not
present), the CE pin and ISET2 pin are ignored during the boot-up time and a maximum input current of 100 mA
is made available to the OUT or BAT pins. After the boot-up time, the IC implements the CE and ISET2 pins as
programmed.
Figure 8. USB Boot-Up Power-Up
The bq24070 continuously monitors battery temperature by measuring the voltage between the TS and VSS
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com