Electronic Components Datasheet Search
  English  ▼

X  

BQ24070 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24070
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24070 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ24070 Datasheet HTML 13Page - Texas Instruments BQ24070 Datasheet HTML 14Page - Texas Instruments BQ24070 Datasheet HTML 15Page - Texas Instruments BQ24070 Datasheet HTML 16Page - Texas Instruments BQ24070 Datasheet HTML 17Page - Texas Instruments BQ24070 Datasheet HTML 18Page - Texas Instruments BQ24070 Datasheet HTML 19Page - Texas Instruments BQ24070 Datasheet HTML 20Page - Texas Instruments BQ24070 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.ti.com
12
TS
bq24070
LTF
HTF
+
BATTERY
PACK
PACK+
PACK−
NTC
TEMP
ITS
VLTF
VHTF
RT1
RT2
UDG
−04086
12
TS
bq24070
LTF
HTF
+
BATTERY
PACK
PACK+
PACK−
NTC
ITS
VLTF
VHTF
UDG
−04085
Battery Pre-Conditioning
I
O (PRECHG) +
V
(PRECHG)
K
(SET)
R
SET
(3)
Battery Charge Current
I
O (OUT) +
V
(SET)
K
(SET)
R
SET
(4)
bq24070
SLUS694A – MARCH 2006 – REVISED MARCH 2006
FUNCTIONAL DESCRIPTIONS (continued)
pins. An internal current source provides the bias for most-common 10 k
Ω negative-temperature coefficient
thermistors (NTC) (see Figure 9). The device compares the voltage on the TS pin against the internal V(LTF) and
V(HTF) thresholds to determine if charging is allowed. Once a temperature outside the V(LTF) and V(HTF) thresholds
is detected, the device immediately suspends the charge. The device suspends charge by turning off the power
FET and holding the timer value (i.e., timers are not reset). Charge is resumed when the temperature returns to
the normal range. The allowed temperature range for 103AT-type thermistor is 0°C to 45°C. However, the user
may increase the range by adding two external resistors. See Figure 10.
Figure 9. TS Pin Configuration
Figure 10. TS Pin Thresholds
During a charge cycle, if the battery voltage is below the V(LOWV) threshold, the bq24070 applies a precharge
current, IO(PRECHG), to the battery. This feature revives deeply discharged cells. The resistor connected between
the ISET1 and VSS, RSET, determines the precharge rate. The V(PRECHG) and K(SET) parameters are specified in
the specifications table. Note that this applies to both AC-mode and USB-mode charging.
The bq24070 activates a safety timer, t(PRECHG), during the conditioning phase. If V(LOWV) threshold is not
reached within the timer period, the bq24070 turns off the charger and enunciates FAULT on the STAT1 and
STAT2 pins. The timeout is extended if the charge current is reduced by DPPM or thermal regulation. See the
Timer Fault Recovery section for additional details.
The bq24070 offers on-chip current regulation with programmable set point. The resistor connected between the
ISET1 and VSS, RSET, determines the charge level. The charge level may be reduced to give the system priority
on input current (see DPPM). The V(SET) and K(SET) parameters are specified in the specifications table.
When powered from a USB port, the input current available (0.1 A/0.5 A) is typically less than the programmed
(ISET1) charging current, and therefore, the DPPM feature attempts to keep the output from being pulled down
by reducing the charging current.
The charge level, during AC mode operation only (Mode = High), can be changed by a factor of 2 by setting the
ISET2 pin high (full charge) or low (half charge). The voltage on the ISET1 pin, VSET1, is divided by 2 when in
the half constant current charge mode. Note that with Mode low, the ISET2 pin controls only the 0.1 A/0.5 A
USB current level.
See the section titled Power-Path Management for additional details.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com