Electronic Components Datasheet Search
  English  ▼

X  

BQ24070 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24070
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24070 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ24070 Datasheet HTML 18Page - Texas Instruments BQ24070 Datasheet HTML 19Page - Texas Instruments BQ24070 Datasheet HTML 20Page - Texas Instruments BQ24070 Datasheet HTML 21Page - Texas Instruments BQ24070 Datasheet HTML 22Page - Texas Instruments BQ24070 Datasheet HTML 23Page - Texas Instruments BQ24070 Datasheet HTML 24Page - Texas Instruments BQ24070 Datasheet HTML 25Page - Texas Instruments BQ24070 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
www.ti.com
PCB Layout Considerations
bq24070
SLUS694A – MARCH 2006 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
It is important to pay special attention to the PCB layout. The following provides some guidelines:
•
To obtain optimal performance, the decoupling capacitor from the input terminal to VSS and the output filter
capacitor from OUT to VSS should be placed as close as possible to the bq24070, with short trace runs to
both signal and VSS pins.
•
All low-current VSS connections should be kept separate from the high-current charge or discharge paths
from the battery. Use a single-point ground technique incorporating both the small signal ground path and
the power ground path.
•
The high-current charge paths into IN and from the BAT and OUT pins must be sized appropriately for the
maximum charge current in order to avoid voltage drops in these traces.
•
The bq24070 is packaged in a thermally enhanced MLP package. The package includes a QFN thermal pad
to provide an effective thermal contact between the device and the printed-circuit board. Full PCB design
guidelines for this package are provided in the application note entitled QFN/SON PCB Attachment
(SLUA271).
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com