Electronic Components Datasheet Search
  English  ▼

X  

451 Datasheet(PDF) 6 Page - 3M Electronics

Part # 451
Description  3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

451 Datasheet(HTML) 6 Page - 3M Electronics

  451 Datasheet HTML 1Page - 3M Electronics 451 Datasheet HTML 2Page - 3M Electronics 451 Datasheet HTML 3Page - 3M Electronics 451 Datasheet HTML 4Page - 3M Electronics 451 Datasheet HTML 5Page - 3M Electronics 451 Datasheet HTML 6Page - 3M Electronics 451 Datasheet HTML 7Page - 3M Electronics 451 Datasheet HTML 8Page - 3M Electronics 451 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
78-5102-0091-4 Rev F
3M™ Ribbon Cable Socket and Header, 451 and 452 Series, 1.27mm (0.050") pitch
6 of 9
9. Test Sequence
9.1 Sequenced Tests
9.2 Independent Tests
1. Plating Thicknesses
2. Header Solderability
3. Header Moisture Sensitivity Level
4. Header Pin Retention
5. Mating Force / Contact
6. Unmating Force / Contact
TEST
EIA 364
TP NO.
TEST GROUP
1
2
3
4
5
6
0,4
0,3
Durability (Pre-conditioning)
13
2
Visual
18
0,6
0,8
0,6
0,5
2
Durability (Full)
13
2
3
Temperature Life (Full)
17
Dielectric Breakdown Voltage
20
7
Insulation Resistance
21
2,5
2
Dielectric Withstanding Voltage
20
1,4
1,3
Mechanical Shock
27
2
Vibration
28
4
LLCR
23
1,3,5
1,3,5,7
1,4
Thermal Shock
32
4
Humidity Temperature Cycling
31
6
Mixed Flowing Gas
65
3
Temperature Rise vs. Current
70
1
3M Electronics Materials Solutions Division
13011 McCallen Pass Bldg. C
Austin, TX 78753-5380
1-800-225-5373
www.3M.com/interconnect



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com