Electronic Components Datasheet Search
  English  ▼

X  

451 Datasheet(PDF) 7 Page - 3M Electronics

Part # 451
Description  3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

451 Datasheet(HTML) 7 Page - 3M Electronics

  451 Datasheet HTML 1Page - 3M Electronics 451 Datasheet HTML 2Page - 3M Electronics 451 Datasheet HTML 3Page - 3M Electronics 451 Datasheet HTML 4Page - 3M Electronics 451 Datasheet HTML 5Page - 3M Electronics 451 Datasheet HTML 6Page - 3M Electronics 451 Datasheet HTML 7Page - 3M Electronics 451 Datasheet HTML 8Page - 3M Electronics 451 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
78-5102-0091-4 Rev F
3M™ Ribbon Cable Socket and Header, 451 and 452 Series, 1.27mm (0.050") pitch
7 of 9
10. Figures
3M Electronics Materials Solutions Division
13011 McCallen Pass Bldg. C
Austin, TX 78753-5380
1-800-225-5373
www.3M.com/interconnect



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com