Electronic Components Datasheet Search
  English  ▼

X  

SPF1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SPF1
Description  Thin Film Metallized Plates - Custom Substrates
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPF1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SPF1 Datasheet HTML 1Page - Vishay Siliconix SPF1 Datasheet HTML 2Page - Vishay Siliconix SPF1 Datasheet HTML 3Page - Vishay Siliconix SPF1 Datasheet HTML 4Page - Vishay Siliconix SPF1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPF1
www.vishay.com
Vishay Electro-Films
Revision: 18-Feb-2021
4
Document Number: 61105
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Plates 1" x 1" and greater will be individually packaged in glassine envelopes in the box
GLOBAL PART NUMBER INFORMATION
Standard Global Part Number: SPF1AA02021A11BX
Global Part Number Description: SPF1 Al2O3 As-Fired 20 mils x 20 mils 10 mils Thick NiCr 25
Ω/sq Front: TiW / Au (50 μ" min.)
Back: TiW / Au (50 μ" min.) BX
MODEL
MATERIAL
FINISH
PLATE
SIZE X
(MILS)
PLATE
SIZE Y
(MILS)
THICKNESS
(MILS)
RESISTOR
METAL FRONT
METAL BACK
PACKAGING
CODE
SPF1
A =
Al2O3
B =
BeO
N =
AlN
A =
as-fired
L =
lapped
P =
polished
02 =
20
05 =
50
10 =
100
20 =
200
50 =
500
11 =
1000
21 =
2000
45 =
4500
02 =
20
05 =
50
10 =
100
20 =
200
50 =
500
11 =
1000
21 =
2000
45 =
4500
1 = 10
2 = 15
3 = 20
4 = 25
N = none
Otherwise
see Resistor
Material table
N = none
Otherwise see
Metal Stack table
N = none
Otherwise see
Metal Stack table
BX =
box
1 min. /
1 mult.
W1 =
waffle pack
1 min. /
1 mult.
Custom Global Part Number: SPF1 xxxx - xx x
SP
F
1
-
MODEL
VEFI ASSIGNED NUMBER
INTERNAL
REVISION
VARIANT
A = ALN
B = Be0
0 = coating
CONTACT INFORMATION
For design assistance, contact: efi@vishay.com
A0
1
0
1A1
1
1
1B
F
SP
A
X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com