Electronic Components Datasheet Search
  English  ▼

X  

SPF1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SPF1
Description  Thin Film Metallized Plates - Custom Substrates
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPF1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SPF1 Datasheet HTML 1Page - Vishay Siliconix SPF1 Datasheet HTML 2Page - Vishay Siliconix SPF1 Datasheet HTML 3Page - Vishay Siliconix SPF1 Datasheet HTML 4Page - Vishay Siliconix SPF1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPF1
www.vishay.com
Vishay Electro-Films
Revision: 18-Feb-2021
1
Document Number: 61105
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Metallized Plates - Custom Substrates
FEATURES
• Metalization on 1, 2, or 6 surfaces
• Various substrate materials
• Tantalum nitride or nickel chromium resistor material
• Sputtered / plated metal systems
• Sizes from 0.020" x 0.020" to 4.500" x 4.500"
• High volume
• Quick delivery available
APPLICATIONS
Vishay EFI metalized plates can be used as stand-offs,
jumpers or bonding pads in hybrid packages when diced to
small sizes; they are also available with no metallization
(bare ceramic) for use as spacers or insulators. Larger sized
plates can be used where the customer wants to pattern
and etch substrates in-house.
Note
• For any plates smaller than 1.000" x 1.000" or where plate size is not available, metal is only available on one or two surfaces (front or back)
SUBSTRATE MATERIALS
MATERIAL CODE
MATERIAL
SURFACE FINISH
(μ" CLA)
APPLICATION
A
Alumina (99.6)
A
< 3 front / < 4 back as-fired
Cost effective material with wide
range of applications
L
< 12 lapped
P< 1 polished
BBeryllium oxide
L
15 to 40 lapped
Highest thermal conductivity
(285 W/mC)
P< 3 polished
N
Aluminum nitride
L
10 to 20 lapped
High thermal conductivity
(170 W/mC)
P< 2 polished
PLATE SIZE
X (mils)
Y (mils)
20
20
50
50
100
100
200
200
500
500
1000
1000
2000
2000
4500
4500
x
y


Similar Part No. - SPF1

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
SPF10 HELLERMANNTYTON-SPF10 Datasheet
77Kb / 1P
Polypropylene spiral binding for high resistance against oil, wide pitch
January 2019
logo
Anshan Leadsun Electron...
SPF10-10 LEADSUN-SPF10-10 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-12 LEADSUN-SPF10-12 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-15 LEADSUN-SPF10-15 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-20 LEADSUN-SPF10-20 Datasheet
314Kb / 1P
High Voltage Diode
More results

Similar Description - SPF1

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
210R CALMIRCO-210R Datasheet
396Kb / 1P
THIN FILM SERIES
logo
AVX Corporation
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
Thin-Film Technology
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
Thin-Film Technology
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
THIN FILM INDUCTORS
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
Thin-Film Technology
logo
TDK Electronics
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
Thin-film Metal
logo
AVX Corporation
ACCU-P AVX-ACCU-P Datasheet
1Mb / 25P
Thin-Film Technology
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
Custom Substrates - Metal Via / Multilayer / Lumped Element
14-Sep-2018
PSS VISHAY-PSS Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com