Electronic Components Datasheet Search
  English  ▼

X  

SPF1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SPF1
Description  Thin Film Metallized Plates - Custom Substrates
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPF1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SPF1 Datasheet HTML 1Page - Vishay Siliconix SPF1 Datasheet HTML 2Page - Vishay Siliconix SPF1 Datasheet HTML 3Page - Vishay Siliconix SPF1 Datasheet HTML 4Page - Vishay Siliconix SPF1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPF1
www.vishay.com
Vishay Electro-Films
Revision: 18-Feb-2021
3
Document Number: 61105
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VISUAL INSPECTION
VEFI uses internal visual inspection criteria as shown in the table below for metal non-patterned substrates. For any plates
smaller than 1.000" x 1.000" or where plate size is not available, metal burrs will be acceptable along part edges where plates
are sawn to size.
Notes
• NIF = not inspected for
(1) Exclusion area for 1" x 1" and greater plates: Front and Rear: 100 mils (2.54 mm) from substrate edge
(2) A-face 100 % inspection method: 3x to 8x magnification. Higher magnification may be used for defect verification
(3) B-face 100 % inspection method: Unaided eye. Higher magnification may be used for defect verification
(4) Scratch or probe mark exposing underlying material that is > 200 mils long
(5) Contamination: Not removable by distilled water or common solvents
SURFACE PERFECTION INSPECTION CRITERIA (1)
SCHEMATIC
ILLUSTRATION
DEFECT TYPE
DEFECT SIZE
FRONT (2)
BACK (3)
NODULES
BUMPS
> 10 mil dia. (>0.254 mm)
0.25/sq"
0.25/sq"
5 mil to 10 mil dia. (0.127 mm to 0.254 mm)
1/sq"
2/sq"
3 mil to 5 mil dia. (0.076 mm to 0.127 mm)
3/sq"
6/sq"
2 mil to 3 mil dia. (0.05 mm to 0.076 mm)
3/sq"
6/sq"
< 2 mil dia. (< 0.05 mm)
NIF
NIF
METALIZATION
VOIDS
PINHOLES
> 2 mil dia. (> 0.05 mm)
None
None
1 mil to 2 mil dia. (0.0254 mm to 0.05 mm)
5/sq"
10/sq"
< 1 mil high (< 0.0254 mm)
NIF
NIF
CRATERS
DEPRESSIONS
(hole into
ceramic)
> 10 mil dia. (> 0.254 mm)
None
None
5 mil to 10 mil dia. (0.127 mm to 0.254 mm)
1/sq"
3/sq"
2 mil to 5 mil dia. (0.05 mm to 0.127 mm)
4/sq"
4/sq"
1 mil to 2 mil dia. (0.0254 mm to 0.05 mm)
15/sq"
15/sq"
< 1 mil dia. (0.0254 mm)
NIF
NIF
SCRATCHES (4)
(excluding
surface
abrasions)
> 1/2 mil wide (> 0.0127 mm)
1/sq"
NIF
< 1/2 mil wide (< 0.0127 mm)
NIF
NIF
BLISTERS
> 10 mil dia. (> 0.254 mm)
None
None
5 mil to 10 mil dia. (0.127 mm to 0.254 mm)
1/sq"
1/sq"
2 mil to 5 mil dia. (0.05 mm to 0.127 mm)
2/sq"
2/sq"
1 mil to 2 mil dia. (0.0254 mm to 0.05 mm)
4/sq"
4/sq"
1/2 mil to 1 mil dia. (0.0127 mm to 0.0254 mm)
6/sq"
6/sq"
1/4 mil to 1/2 mil dia. (0.006 mm to 0.0127 mm)
16/sq"
16/sq"
< 1/4 mil dia. (< 0.006 mm)
NIF
NIF
STAINS-SPOTS (5)
> 4 mil. (> 0.1 mm)
None
None
2 mil to 4 mil (0.05 mm to 0.1 mm)
1/sq"
2/sq"
1 mil to 2 mil (0.0254 mm to 0.05 mm)
2/sq"
4/sq"
< 1 mil (< 0.0254 mm)
3/sq"
5/sq"



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com