Electronic Components Datasheet Search
  English  ▼

X  

ADG3231 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG3231
Description  1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3231 Datasheet(HTML) 4 Page - Analog Devices

  ADG3231 Datasheet HTML 1Page - Analog Devices ADG3231 Datasheet HTML 2Page - Analog Devices ADG3231 Datasheet HTML 3Page - Analog Devices ADG3231 Datasheet HTML 4Page - Analog Devices ADG3231 Datasheet HTML 5Page - Analog Devices ADG3231 Datasheet HTML 6Page - Analog Devices ADG3231 Datasheet HTML 7Page - Analog Devices ADG3231 Datasheet HTML 8Page - Analog Devices ADG3231 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG3231
Data Sheet
Rev. C | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
V
CC to GND
−0.3 V to +4.6 V
Input Voltage for A
−0.3 V to VCC1 + 0.3 V
DC Output Current
25 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θ
JA Thermal Impedance
6-Lead SOT-23
229°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating may be applied at any one
time.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com