Electronic Components Datasheet Search
  English  ▼

X  

ADG3231 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG3231
Description  1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3231 Datasheet(HTML) 3 Page - Analog Devices

  ADG3231 Datasheet HTML 1Page - Analog Devices ADG3231 Datasheet HTML 2Page - Analog Devices ADG3231 Datasheet HTML 3Page - Analog Devices ADG3231 Datasheet HTML 4Page - Analog Devices ADG3231 Datasheet HTML 5Page - Analog Devices ADG3231 Datasheet HTML 6Page - Analog Devices ADG3231 Datasheet HTML 7Page - Analog Devices ADG3231 Datasheet HTML 8Page - Analog Devices ADG3231 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADG3231
Rev. C | Page 3 of 12
SPECIFICATIONS
VCC1 = VCC2 = 1.65 V to 3.6 V, GND = 0 V. All specifications TMIN to TMAX, unless otherwise noted. Temperature range for the B version is
−40°C to +85°C.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
LOGIC INPUTS/OUTPUTS
Input High Voltage2
VIH
VCC1 = 3.0 V to 3.6 V
1.35
V
VCC1 = 2.3 V to 2.7 V
1.35
V
VCC1 = 1.65 V to 1.95 V
0.65 VCC1
V
Input Low Voltage2
VIL
VCC1 = 3.0 V to 3.6 V
0.8
V
VCC1 = 2.3 V to 2.7 V
0.7
V
VCC1 = 1.65 V to 1.95 V
0.35 VCC1
V
Output High Voltage
VOH
IOH = –100 μA, VCC2 = 3.0 V to 3.6 V
2.4
V
IOH = –100 μA, VCC2 = 2.3 V to 2.7 V
2.0
V
IOH = –100 μA, VCC2 = 1.65 V to 1.95 V
VCC2 − 0.45
V
IOH = −4 mA, VCC2 = 2.3 V to 2.7 V
2.0
V
IOH = −4 mA, VCC2 = 1.65 V to 1.95 V
VCC2 − 0.45
V
IOH = −8 mA, VCC2 = 3.0 V to 3.6 V
2.4
V
Output Low Voltage
VOL
IOL = 100 μA, VCC2 = 3.0 V to 3.6 V
0.4
V
IOL = 100 μA, VCC2 = 2.3 V to 2.7 V
0.4
V
IOL = 100 μA, VCC2 = 1.65 V to 1.95 V
0.45
V
IOL = 4 mA, VCC2 = 2.3 V to 2.7 V
0.4
V
IOL = 4 mA, VCC2 = 1.65 V to 1.95 V
0.45
V
IOL = 8 mA, VCC2 = 3.0 V to 3.6 V
0.4
V
SWITCHING CHARACTERISTICS2
Propagation Delay, tPD A to Y
tPHL, tPLH
3.3 V ± 0.3 V, CL = 30 pF, see Figure 2
4
6.5
ns
Propagation Delay, tPD A to Y
tPHL, tPLH
2.5 V ± 0.2 V, CL = 30 pF, see Figure 2
4.5
6.5
ns
Propagation Delay, tPD A to Y
tPHL, tPLH
1.8 V ± 0.15 V, CL = 30 pF, see Figure 2
6.5
10.25
ns
Input Leakage Current
II
0 ≤ VIN ≤ 3.6 V
±1
μA
Output Leakage Current
IO
0 ≤ VIN ≤ 3.6 V
±1
μA
POWER REQUIREMENTS
Power Supply Voltages
VCC1
1.65
3.6
V
VCC2
1.65
3.6
V
Quiescent Power Supply Current
ICC1
Digital inputs = 0 V or VCC1
2
μA
ICC2
Digital inputs = 0 V or VCC2
2
μA
1 All typical values are at VCC1 = VCC2, TA = 25°C, unless otherwise noted.
2 Guaranteed by design, not subject to production test.
INPUT
0V
VCC2
0V
VCC1
50%
50%
tPLH
tPHL
OUTPUT
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com