Electronic Components Datasheet Search
  English  ▼

X  

ADG3231 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG3231
Description  1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3231 Datasheet(HTML) 2 Page - Analog Devices

  ADG3231 Datasheet HTML 1Page - Analog Devices ADG3231 Datasheet HTML 2Page - Analog Devices ADG3231 Datasheet HTML 3Page - Analog Devices ADG3231 Datasheet HTML 4Page - Analog Devices ADG3231 Datasheet HTML 5Page - Analog Devices ADG3231 Datasheet HTML 6Page - Analog Devices ADG3231 Datasheet HTML 7Page - Analog Devices ADG3231 Datasheet HTML 8Page - Analog Devices ADG3231 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADG3231
Data Sheet
Rev. C | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings ............................................................4
ESD Caution...................................................................................4
Pin Configurations and Function Descriptions ............................5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................9
Outline Dimensions....................................................................... 10
Ordering Guide .......................................................................... 10
REVISION HISTORY
9/12—Rev. B to Rev. C
Removed SOT-66 Package (Throughout) ..................................... 1
Updated Outline Dimensions....................................................... 10
Changes to Ordering Guide .......................................................... 10
5/06—Rev. A to Rev. B
Deleted Figure 11 and Figure 12..................................................... 7
Changes to Ordering Guide .......................................................... 10
12/04—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Added SOT-66 Package .....................................................Universal
Change to Data Sheet Title.............................................................. 1
Changes to Features, Applications, General Description
and Product Highlights Sections.....................................................1
Changes to Figure 1...........................................................................1
Changes to Table 1.............................................................................3
Changes to Figure 2 and Figure 3....................................................3
Deleted TPC 1 to TPC 6...................................................................6
Changes to Figure 13 through Figure 20........................................7
Changes to Theory of Operation Section.......................................9
Updated Outline Dimensions....................................................... 10
Changes to Ordering Guide.......................................................... 10
5/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com