Electronic Components Datasheet Search
  English  ▼

X  

LT3761A Datasheet(PDF) 11 Page - Analog Devices

Part # LT3761A
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3761A Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3761A Datasheet HTML 7Page - Analog Devices LT3761A Datasheet HTML 8Page - Analog Devices LT3761A Datasheet HTML 9Page - Analog Devices LT3761A Datasheet HTML 10Page - Analog Devices LT3761A Datasheet HTML 11Page - Analog Devices LT3761A Datasheet HTML 12Page - Analog Devices LT3761A Datasheet HTML 13Page - Analog Devices LT3761A Datasheet HTML 14Page - Analog Devices LT3761A Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LT8355-1
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VREF (Pin 14): A 2V (Typical) Reference Voltage. It can
supply a maximum of 2.5mA at room temperature, useful
for resistor networks that set voltages across CTRL1,2;
IADJ2; and PWM1,2 pins. The output is stable without
a local bypass but, if needed, bypass this pin to ground
with a 1µF capacitor. If no load is connected or unused,
leave pin floating.
EN/UVLO (Pin 15): When the voltage at this pin falls below
1.25V (typical), switching stops and the part shuts down.
A hysteresis of approximately 60mV is included when
returning over 1.25V. Drive this pin high with a logic level
greater than 1.4V or low with a logic level below 0.3V for
simple ON/OFF functionality or tie it through a resistive
voltage divider to VIN for a precise input undervoltage
shutdown threshold. For all uses of this pin, ensure that
the minimum Thevenin equivalent resistance is 20k.
VIN (Pin 16): Input Supply Pin. Must be locally bypassed.
INTVCC (Pin 22): Voltage Supply Used by Internal Circuits.
Tie a capacitor from this pin to ground. It requires a min-
imum capacitance of 2.2µF; but considering temperature
and voltage coefficients, 4.7µF is recommended. The typ-
ical INTVCC voltage is 7.5V, and a 16V rated capacitor will
usually be appropriate. This pin is not intended for use
as a power source for external loads and connecting it to
certain external loads may interfere with operation of the
device. Using the INTVCC pin for any purpose other than
those described in the Applications Information section
is not recommended.
SENSEN1, SENSEN2 (Pins 26, 25): Kelvin connect this
pin to the negative side of the switch current sense resis-
tor for each channel. For more information about this, see
the PCB layout guidelines in the Applications Information
section.
SENSEP1, SENSEP2 (Pins 27, 24): Kelvin connect this pin
to the positive side of the grounded switch current sense
resistor for each channel. For more information about
this, see the PCB layout guidelines in the Applications
Information section.
GATE1, GATE2 (Pins 28, 23): External NMOS Power
Switch Gate Driver for Each Channel. Connect this pin to
the gate of an NMOS whose source is connected to the
switch current sense resistor.
GND (Pin 29 Exposed Pad): Ground. Solder the exposed
pad directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com