Electronic Components Datasheet Search
  English  ▼

X  

LT3761A Datasheet(PDF) 21 Page - Analog Devices

Part # LT3761A
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3761A Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3761A Datasheet HTML 17Page - Analog Devices LT3761A Datasheet HTML 18Page - Analog Devices LT3761A Datasheet HTML 19Page - Analog Devices LT3761A Datasheet HTML 20Page - Analog Devices LT3761A Datasheet HTML 21Page - Analog Devices LT3761A Datasheet HTML 22Page - Analog Devices LT3761A Datasheet HTML 23Page - Analog Devices LT3761A Datasheet HTML 24Page - Analog Devices LT3761A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8355-1
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 4. Conditions and Effects on FAULT, PWMTG and GATE
TYPE
CONDITION
FAULT
PWMTG
OFF
GATE
OFF
Overvoltage
VFB > 1.26V
Yes
Yes
Yes
Open LED
1.14V < VFB < 1.26V and
VISP-ISN < 25mV
Yes
No
No
Short LED
VFB < 300mV
Yes
Yes
Yes
Overcurrent
VISP-ISN > 670mV
Yes
Yes
Yes
PWM OFF
PWM < 500mV, or CTRL <
300mV, or IADJ2 < 500mV
No
Yes
Yes
INTVCC UVLO
INTVCC < 4.3V
No
Yes
Yes
Thermal Shutdown TJ > 170°C
No
Yes
Yes
Above Voltage
Regulation
1.26V > VFB > 1.20V
No
No
Yes
Above Current
Regulation
0.7V > VISP-ISN > 0.25V (or
set by Equation 2a/2b)
No
No
Yes
Soft-Start
To prevent a surge of current at start-up, LT8355-1 uses
an internal soft-start for each channel. This feature affects
both current limit and switching frequency. At start-up,
the system will switch at around 20% of the switching
frequency fSW with near zero current limit. As the clock
runs, both constraints relax, leading to normal operation
after around 256 switching periods. When a LED overcur-
rent occurs, or, in steady state, when short LED conditions
occur, the part immediately stops switching and enters
a cooldown period. The cooldown period lasts for at
least 2048 switching periods. At the end of the cooldown
period, the system attempts to start again, and enters
soft-start as if it had just been powered on for the first
time. Regardless of whether it is the first soft-start after
power-on or a soft-start resulting from a fault condition,
LT8355-1 will wait until the first PWM dimming pulse
arrives before beginning to power on the system. This
PWM pulse can be from an external source or from the
internal dimming PWM generator. At the arrival of the
first PWM pulse, soft-start begins, and operation contin-
ues until the system has reached steady state. Until the
system either finishes soft-start or observes the internal
control loop state nearing steady state, the PWM low logic
state is ignored and the part runs continuously.
Using the EN/UVLO Pin
The EN/UVLO pin offers two modes of operation. First,
it can be driven high (above 1.4V) or low (below 0.3V)
to act as an enable pin, turning the part on and off. In
addition to this, the pin can also be used to create an
accurate external under voltage lockout (UVLO). To use
this feature, connect the EN/UVLO pin to a resistive volt-
age divider from the VIN pin to ground. Select resistors
to program the desired minimum VIN value for operation
(see Equation 12 and Figure 7).
VIN(FALLING) = 1.25V • 1+
RUV1
RUV2
⎛
⎝⎜
⎞
⎠⎟
VIN(RISING) = 1.31V • 1+
RUV1
RUV2
⎛
⎝⎜
⎞
⎠⎟
+ 2.4µA •RUV1
(12)
Figure 7. LT8355-1 Resistor Network for Accurate UVLO.
RUV1
RUV2
VIN
LT8355-1
8355-1 F07
EN/UVLO
The EN/UVLO threshold has a hysteretic window to pre-
vent oscillating between the on and off states. When
the EN/UVLO pin falls below its falling threshold (1.25V
typical), switching stops, soft-start is reset, and if an
external PMOS is used according to instructions in the
PWM Dimming section, the load is disconnected from
the output capacitor. While the part is not enabled a cur-
rent of 2.4µA flows into the EN/UVLO pin to allow for
programmable hysteresis. Choose the value of the upper
resistor RUV1 in the EN/UVLO voltage divider such that
around 2.4µA(RUV1) provides the desired hysteresis.
When using the divider ratio, ensure that the equivalent
Thevenin resistance is at least 20k. When driving this pin,
add a 20k resistor in series.
Low Voltage (SEPIC) Start-Up
Certain power stage topologies, such as the SEPIC, may
require the part to start-up in the condition where ISP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com