Electronic Components Datasheet Search
  English  ▼

X  

LT3761A Datasheet(PDF) 24 Page - Analog Devices

Part # LT3761A
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3761A Datasheet(HTML) 24 Page - Analog Devices

Back Button LT3761A Datasheet HTML 20Page - Analog Devices LT3761A Datasheet HTML 21Page - Analog Devices LT3761A Datasheet HTML 22Page - Analog Devices LT3761A Datasheet HTML 23Page - Analog Devices LT3761A Datasheet HTML 24Page - Analog Devices LT3761A Datasheet HTML 25Page - Analog Devices LT3761A Datasheet HTML 26Page - Analog Devices LT3761A Datasheet HTML 27Page - Analog Devices LT3761A Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LT8355-1
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Dual 32W Boost LED Driver
Efficiency vs VIN Voltage
LED Short Fault Detection and Response
0.47nF
f = 400kHz
151k
499k
10µF
39k
2.2µF
D2
500m
M4
12.5m
ILIM = 8A
M2
10k
576k
D1
500m
M3
L1
15µH
12.5m
ILIM = 8A
M1
10k
576k
L2
15µH
10µF
10µF
0.47nF
39k
VIN
6V TO 36V
EN/UVLO
VC2
VC1
VREF
CTRL1
CTRL2
IADJ2
INTVCC
51.1k
LT8355-1
CH1 DIMMING
RT
GND
VIN
0.5A
0.5A
FB2
ISP2
ISN2
PWMTG2
32W
LED
ARRAY
FAULT1
FAULT2
GATE2
SENSEP2
SENSEN2
PWM1
PWM2
CH2 DIMMING
FB1
ISP1
ISN1
PWMTG1
GATE1
SENSEP1
SENSEN1
VIN
32W
LED
ARRAY
8355-1 TA02a
100V
100V
100V
L1, L2: WURTH 74435571500
M1, M2: VISHAY Si7852DP
M3, M4: VISHAY Si7113DN
D1, D2: VISHAY 12CWQ10FN
100k
BOTH CHANNELS
CH1 ONLY
CH2 ONLY
VIN (V)
6
12
18
24
30
36
70
73
76
79
82
85
88
91
94
83551 TA02b
2ms/DIV
INDUCTOR
CURRENT
2A/DIV
LED
CURRENT
10A/DIV
8355-1 TA02c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com