Electronic Components Datasheet Search
  English  ▼

X  

F1385 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F1385
Description  DPD Demodulator for PA Linearization 3200 to 4400 MHz
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1385 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F1385 Datasheet HTML 28Page - Renesas Technology Corp F1385 Datasheet HTML 29Page - Renesas Technology Corp F1385 Datasheet HTML 30Page - Renesas Technology Corp F1385 Datasheet HTML 31Page - Renesas Technology Corp F1385 Datasheet HTML 32Page - Renesas Technology Corp F1385 Datasheet HTML 33Page - Renesas Technology Corp F1385 Datasheet HTML 34Page - Renesas Technology Corp F1385 Datasheet HTML 35Page - Renesas Technology Corp F1385 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
F1385 Datasheet
© 2022 Renesas Electronics Corporation
32
February 7, 2022
To program the serial interface:
If CSb is de-asserted (set to high), the serial interface will ignore the CLK line. Once CSb is asserted (set to low), the serial interface will
recognize the CLK and any data present on DATA will be clocked into the registers with each rising CLK edge. After the 16th CLK cycle, and
before the 17th CLK cycle, CSb must be de-asserted to successfully program the part with the desired bytes. If CSb is de-asserted before the
16th CLK cycle, or after the 17th CLK cycle, there is no guarantee that the correct bytes will be programmed and the user will have to re-
program the interface in accordance with the aforementioned procedure.
SW_LATCH programming sequence
•
When SW_LATCH is pinned high during the programming sequence, the “ENb” register cannot be programmed and
therefore will not toggle.
•
If SW_LATCH is pinned low during the programming sequence, the “ENb” register will toggle. This can be prevented with
the “Programming Sequence” below.
Figure 118. Serial mode timing diagram
Sequence for programming registers A<2>:A<0>
1. SW_Latch = 1; CSb = 0
2. CLK in 8- or 16-bit word, do not de-assert (pull high) CSb
3. Set SW_LATCH = 0 while CSb = 0 remains
4. With SW_Latch = 0, set CSb = 1
5. Set SW_Latch = 1
6. Program complete
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SCLK
0
0
0
0
0
1
0
1
ENb
CSb (solid)
SW_LATCH (dashed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com