Electronic Components Datasheet Search
  English  ▼

X  

F1385 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1385
Description  DPD Demodulator for PA Linearization 3200 to 4400 MHz
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1385 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1385 Datasheet HTML 1Page - Renesas Technology Corp F1385 Datasheet HTML 2Page - Renesas Technology Corp F1385 Datasheet HTML 3Page - Renesas Technology Corp F1385 Datasheet HTML 4Page - Renesas Technology Corp F1385 Datasheet HTML 5Page - Renesas Technology Corp F1385 Datasheet HTML 6Page - Renesas Technology Corp F1385 Datasheet HTML 7Page - Renesas Technology Corp F1385 Datasheet HTML 8Page - Renesas Technology Corp F1385 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
DPD Demodulator for PA
Linearization 3200 to 4400 MHz
F1385
Datasheet
© 2022 Renesas Electronics Corporation
1
February 7, 2022
Description
This document describes the specification for the F1385 Digital
Pre-Distortion Demodulator for PA linearization. This series of
devices is offered in two frequency variants to cover common
UTRA bands.
Competitive Advantage
In typical Base Station transmitters digital pre-distortion is
employed to improve the transmitter performance. The signal out
of the PA is sampled and the incoming TX chain I & Q data is pre-
distorted to counteract the distortion inherent in the PA. The PA
signal is adjusted via a digital step attenuator to a lower level and
then sub-sampled at an IF frequency of ~350 MHz which
necessitates the need for a highly linear demodulator to
downconvert to quadrature IF from the transmit frequency. By
sampling IF_I and IF_Q independently and then digitally
combining these signals, an effective doubling of the sample rate
can be achieved. Any distortion in this path will degrade the
performance of the DPD algorithm. By utilizing an ultra-linear
demodulator with integrated DSA such as the F1385, the ACLR
and/or power consumption of the full TX system can be improved
significantly.
DPD full path ACLR: Reduced by 1 dB
Icc: Typically 45% less current
Zero-DistortionTM eliminates 2 IF amps
Integrates 2 Baluns, SP2T RF switch
Glitch-FreeTM gain control
Features
Wide flat performance IF BW
Wide RF BW (~ 1.2 GHz)
Ideal for Multi-Carrier Systems
Drives ADC directly
Ultra linear +39 dBm OIP3
Excellent ACLR performance
100 Ω differential output impedance
Fully integrated DPD demodulator
6 x 6 mm 36-pin package
Standby Mode w/Fast Recovery
ICC: 210 mA
Block Diagram
Figure 1. Block Diagram
90
O
.
LO
SPI
DEC
Bias
Ctrl
STBY
ISET
IBIAS
CLK
DATA
CSb
2
IFI
IFQ
RFY
RFX


Similar Part No. - F1385

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F13853 CREE-F13853 Datasheet
3Mb / 64P
Florence series
logo
Ledil, Inc.
F13853 LEDIL-F13853 Datasheet
3Mb / 66P
Florence Lens array
More results

Similar Description - F1385

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
104Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
A43 MACOM-A43_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
DPD Demodulator for PA Linearization
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
logo
M/A-COM Technology Solu...
A43 MA-COM-A43_15 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 3200 MHz
logo
Integrated Device Techn...
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com