Electronic Components Datasheet Search
  English  ▼

X  

F1385 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # F1385
Description  DPD Demodulator for PA Linearization 3200 to 4400 MHz
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1385 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button F1385 Datasheet HTML 34Page - Renesas Technology Corp F1385 Datasheet HTML 35Page - Renesas Technology Corp F1385 Datasheet HTML 36Page - Renesas Technology Corp F1385 Datasheet HTML 37Page - Renesas Technology Corp F1385 Datasheet HTML 38Page - Renesas Technology Corp F1385 Datasheet HTML 39Page - Renesas Technology Corp F1385 Datasheet HTML 40Page - Renesas Technology Corp F1385 Datasheet HTML 41Page - Renesas Technology Corp F1385 Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
F1385 Datasheet
© 2022 Renesas Electronics Corporation
39
February 7, 2022
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website (see Ordering
Information for POD links). The package information is the most current data available and is subject to change without revision of this
document.
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
F1385NBGI
6 x 6 x 0.75 mm 36-VFQFPN
MSL1
Tray
-40 °C to +105 °C
F1385NBGI8
6 x 6 x 0.75 mm 36-VFQFPN
MSL1
Tape and Reel
-40 °C to +105 °C
F1385EVBI
Evaluation Board
-40 °C to +105 °C
F1385EVS
Evaluation Board with Controller
-40 °C to +105 °C
Marking Diagram
IDTF1358
NBGI
ZB1504G
Q44B029MY
IDTF1385
NBGI
ZA1543G
Q414C131MY
1. Line 1 and 2 are the part number.
2. Line 3 - “ZA” are ASM Test Step.
3. Line 3 - “1537” is the Date Code YYWW.
4. Line 3 - “G” Assembler Code.
5. Line 4 – “Q414C131MY” Assembly Lot Code.
Revision History
Revision Date
Description of Change
February 7, 2022
Rebranded to Renesas.
August 16, 2016
Updated spec table, Typ-Ops plots per new device stepping ZA with improved image rejection
October 23, 2015
Production Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com