Electronic Components Datasheet Search
  English  ▼

X  

HS4012 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HS4012
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4012 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HS4012 Datasheet HTML 6Page - Renesas Technology Corp HS4012 Datasheet HTML 7Page - Renesas Technology Corp HS4012 Datasheet HTML 8Page - Renesas Technology Corp HS4012 Datasheet HTML 9Page - Renesas Technology Corp HS4012 Datasheet HTML 10Page - Renesas Technology Corp HS4012 Datasheet HTML 11Page - Renesas Technology Corp HS4012 Datasheet HTML 12Page - Renesas Technology Corp HS4012 Datasheet HTML 13Page - Renesas Technology Corp HS4012 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
HS401x Datasheet
R36DS0023EU0103 Rev.1.03
Jun 6, 2022
Page 10
Figure 13. START and STOP Condition Waveform
After the START bit, the master device sends the 7-bit slave address (see section 4.2) to the HS401x, followed
by the read/write bit, which indicates the transfer direction of any subsequent data. This bit is set to 1 to indicate
a read from slave to master or set to 0 to indicate a write from master to slave.
All transfers consist of 8 bits and a response bit: 0 for Acknowledge (ACK) or 1 for Not Acknowledge (NACK).
After the ACK is received, another data byte can be transferred or the communication can be stopped with a
STOP bit.
The HS401x series sensors are equipped with different commands to configure the chip and to perform
measurement as described in Table 4.
Table 4. Commands Code and Description
Command Code (HEX)
Description
0xE3
Hold Temperature Measurement
0xF3
No-hold Temperature Measurement
0xE5
Hold Humidity and Temperature Measurement
0xF5
No-hold Humidity and Temperature Measurement
0xA7
Read Register
0xA6
Write Register
0x30
Stop Periodic Measurements
0xD7
Read Sensor ID
The Hold and No-hold commands will be described in section 4.4, and the read and write register commands will
be described in section 4.7. The HS401x sensor can measure only temperature or both humidity and
temperature as described in Table 8. Both options return fully calibrated measurements that can be converted to
humidity and temperature readings using the equations in section 4.4.3.
Table 5. Measurement Command Modes
Measurement
Command Mode
Description
Number of data bytes
sent on the I2C bus
Temperature
The chip only measures temperature and sends the 14-bit result once the
measurement is complete.
2 bytes + 1 byte CRC
Humidity and
Temperature
The chip measures humidity and temperature and sends the 14-bit humidity
result followed by the 14-bit temperature result once the measurement is
complete.
4 bytes + 1 byte CRC
START Condition
STOP Condition
STOP
SDA
SCL
SDA
SCL
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com