Electronic Components Datasheet Search
  English  ▼

X  

HS4012 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HS4012
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4012 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HS4012 Datasheet HTML 10Page - Renesas Technology Corp HS4012 Datasheet HTML 11Page - Renesas Technology Corp HS4012 Datasheet HTML 12Page - Renesas Technology Corp HS4012 Datasheet HTML 13Page - Renesas Technology Corp HS4012 Datasheet HTML 14Page - Renesas Technology Corp HS4012 Datasheet HTML 15Page - Renesas Technology Corp HS4012 Datasheet HTML 16Page - Renesas Technology Corp HS4012 Datasheet HTML 17Page - Renesas Technology Corp HS4012 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
HS401x Datasheet
R36DS0023EU0103 Rev.1.03
Jun 6, 2022
Page 14
Figure 16. Sequence to Retrieve the Latest Results in Periodic Measurement Mode
The frequency of the periodic measurements can be set using the configuration registers. Section 4.7 describes
how these registers are accessed, and section 4.8.2 provides the register settings needed to configure and
activate the periodic measurements.
When the periodic measurement mode is active, the only commands the chip will respond to are the data fetch
command, and a command to stop the periodic measurements. The command to stop periodic measurements is
issued by sending the I2C address with a write bit, followed by the command 0x30, as shown in Figure 17. Once
the periodic measurements have been stopped, the chip returns to sleep and is ready to accept all valid I2C
commands.
Figure 17. Sequence to Stop Periodic Measurements
4.6
Alert Feature
The HS401x sensors have an optional Alert feature that can be configured in two ways as follows:
1.
The Alert pin can be used to indicate when a measurement is active in Periodic Measurement Mode. This is
the default behavior of the Alert pin upon power-up.
2.
The Alert pin can be used to trigger an interrupt on the system microcontroller so an appropriate action can
be taken if the temperature or humidity is outside of the desired limits.
These features are described in the following two sub-sections.
4.6.1.
Alert Pin – Measurement Active
The default behavior of the Alert pin is to indicate when a measurement is active if Periodic Measurement Mode
is used. Upon power-up, the Alert pin will have a logic high level. When periodic measurement mode is
activated, the Alert pin will have a logic low level between measurements and a logic high during measurements.
This behavior is shown in Figure 18, and the Alert pin will exhibit this functionality when the temperature and
humidity alerts are disabled (see Table 11).
If Periodic Measurement Mode is not active, the Alert pin will remain at a logic high level.
S 1
0
1
0
1
0
0
0
ACK
0
0
1
1
0
0
0
0
ACK P
I2C Address (7 bits) + write bit
Stop Periodic Meas. Command (0x30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com