Electronic Components Datasheet Search
  English  ▼

X  

HS4012 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HS4012
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4012 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HS4012 Datasheet HTML 16Page - Renesas Technology Corp HS4012 Datasheet HTML 17Page - Renesas Technology Corp HS4012 Datasheet HTML 18Page - Renesas Technology Corp HS4012 Datasheet HTML 19Page - Renesas Technology Corp HS4012 Datasheet HTML 20Page - Renesas Technology Corp HS4012 Datasheet HTML 21Page - Renesas Technology Corp HS4012 Datasheet HTML 22Page - Renesas Technology Corp HS4012 Datasheet HTML 23Page - Renesas Technology Corp HS4012 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
HS401x Datasheet
R36DS0023EU0103 Rev.1.03
Jun 6, 2022
Page 20
Setting
Register
Address
(HEX)
Bits
Description
Reset Threshold for
Relative Humidity High
Alert
0x0E, 0x0D
<13:0>
Registers 0x0E, 0x0D set the threshold for when the “RH High” alert
condition is reset. After the alert is triggered, it will only be reset after the
measured RH goes below the value in this register.
The humidity used for the threshold is composed of 14-bits as follows:
This 14-bit value is converted into a humidity threshold using the same
conversion equation shown in section 4.4.3.
Trigger Threshold for
Relative Humidity Low
Alert
0x12, 0x11
<13:0>
Registers 0x12, 0x11 set the threshold for when the “RH Low” alert is
triggered. When the measured RH goes below the value in this register,
the Alert pin will be triggered.
The humidity used for the threshold is composed of 14-bits as follows:
This 14-bit value is converted into a humidity threshold using the same
conversion equation shown in section 4.4.3.
Reset Threshold for
Relative Humidity Low
Alert
0x14, 0x13
<13:0>
Registers 0x14, 0x13 sets the threshold for when the “RH Low” alert
condition is reset. After the alert is triggered, it will only be reset after the
measured RH goes above the value in this register.
The humidity used for the threshold is composed of 14-bits as follows:
This 14-bit value is converted into a humidity threshold using the same
conversion equation shown in section 4.4.3.
4.9
Reading the Sensor ID Number
The sensor ID is a 32-bit number that can be used to identify a given device. Each sensor has a unique ID that
can be used for traceability. The sequence to read the sensor ID is as follows:
1.
Wake up the HS401x series sensor from sleep mode by sending its I2C address with a write bit, and initiate
a Read Sensor ID command by sending the command 0xD7.
2.
Change the direction of communication by sending the HS401x I2C address and a read bit. The SCL line is
held low by the sensor while it retrieves the ID from internal memory to prevent data corruption. The sensor
takes approximately 10µs to retrieve the ID from internal memory.
3.
Once the request is completed by the HS401x series sensor, the SCL line is released and the chip waits for
the SCL clock signal to send the results. The sensor will then transmit the 4-byte sensor ID on the bus for
the master to capture, MSB first.
The command sequence to read the sensor ID is displayed in Figure 23.
0
0
0
0
0
1
0
1
1
0
0
0
0
0
0
0
Register 0x0E
Register 0x0D
0's
Reset Threshold [13:8]
Reset Threshold [7:0]
0
0
0
0
0
1
0
1
1
0
0
0
0
0
0
0
Register 0x12
Register 0x11
0's
Trigger Threshold [13:8]
Trigger Threshold [7:0]
0
0
0
0
0
1
0
1
1
0
0
0
0
0
0
0
0's
Reset Threshold [13:8]
Reset Threshold [7:0]
Register 0x14
Register 0x13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com