Electronic Components Datasheet Search
  English  ▼

X  

IPS2550 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # IPS2550
Description  Inductive Position Sensor IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2550 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button IPS2550 Datasheet HTML 45Page - Renesas Technology Corp IPS2550 Datasheet HTML 46Page - Renesas Technology Corp IPS2550 Datasheet HTML 47Page - Renesas Technology Corp IPS2550 Datasheet HTML 48Page - Renesas Technology Corp IPS2550 Datasheet HTML 49Page - Renesas Technology Corp IPS2550 Datasheet HTML 50Page - Renesas Technology Corp IPS2550 Datasheet HTML 51Page - Renesas Technology Corp IPS2550 Datasheet HTML 52Page - Renesas Technology Corp IPS2550 Datasheet HTML 53Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
IPS2550 Datasheet
© 2022 Renesas Electronics Corporation
49
June 20, 2022
25. Revision History
Revision Date
Description of Change
June 20, 2022
•
Updated, functional safety statement on page 1
•
3.3V supply range definition: 3.3V ±0.3V
•
I2C default interface connection updated
•
Output common mode failure description updated
•
Section 18.2.1.2: broken wires
•
More detailed specification of propagation delay, Table 18
•
AGC, chapter 14.3.5 updated: added Figure 12, updated Table 11
•
Figure 7 to Figure 10, Figure 14, Figure 15, Figure 17 to Figure 20, Figure 22, Figure 25, Figure 26,
Table 12, Table 14,Table 17, Table 21,Table 26 updated
January 11, 2022
•
Parameter descriptions VIH VIL corrected in
•
Table 15 and Table 16
•
COS Signal labeling corrected in Figure 28 to Figure 31
September 14, 2021
Reference updated in Programming Options section
September 8, 2021
Added description of output buffer overload protection in Table 12 and Table 26
June 24, 2021
Minor corrections throughout the document
June 2, 2021
Section 15.3.2 updated with hardware pin strapping information.
January 26, 2021
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com