Electronic Components Datasheet Search
  English  ▼

X  

IPS2550 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IPS2550
Description  Inductive Position Sensor IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2550 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IPS2550 Datasheet HTML 1Page - Renesas Technology Corp IPS2550 Datasheet HTML 2Page - Renesas Technology Corp IPS2550 Datasheet HTML 3Page - Renesas Technology Corp IPS2550 Datasheet HTML 4Page - Renesas Technology Corp IPS2550 Datasheet HTML 5Page - Renesas Technology Corp IPS2550 Datasheet HTML 6Page - Renesas Technology Corp IPS2550 Datasheet HTML 7Page - Renesas Technology Corp IPS2550 Datasheet HTML 8Page - Renesas Technology Corp IPS2550 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Inductive Position Sensor IC
IPS2550 Datasheet
© 2022 Renesas Electronics Corporation
1
June 20, 2022
Description
The IPS2550 is a magnet-free, inductive position sensor IC that
can be used for high-speed absolute position sensing in auto-
motive, industrial, medical, and consumer applications. The
IPS2550 uses the physical principle of eddy currents to detect the
position of a simple metallic target that is moving above a set of
coils, consisting of one transmitter coil and two receiver coils.
The three coils are typically printed as copper traces on a printed
circuit board (PCB). They are arranged such that the transmitter
coil induces a secondary voltage in the two receiver coils, which
depends on the position of the metallic target above the coils.
A signal representative of the target’s position over the coils is
obtained by demodulating and processing the secondary voltages
from the receiver coils. The target can be any kind of metal, such
as aluminum, steel, or a PCB with a printed copper layer.
The IPS2550 provides two independent output interfaces:
▪
A high-speed analog interface providing position information
in the form of demodulated analog sine/cosine raw data
▪
An I2C digital interface for diagnostics and programming
The IPS2550 operates at rotation speeds up to 600000 RPM
(relating to coil designs using 1 period per turn). An ultra-low propa-
gation delay of 4µs provides high dynamic control for fast spinning
motors.
The IPS2550 has been developed according to ISO26262 for
implementation in safety-relevant systems up to ASIL C. It can also
be used in ASIL D system-level requirements according to ASIL
Decomposition rules (i.e. ISO 26262:2018, Part 9, Clause 5”) or
proper risk analysis by the system integrator.
The IPS2550 is available in a 16-pin exposed pad TSSOP package
and qualified for automotive use at -40°C to +160°C ambient
temperature.
Available Support
Renesas provides reference designs that demonstrate IPS2550
rotary position sensing applications.
Typical Applications
▪
Rotor position detection for brushless DC motors; adaptable
to any pole pair count
▪
Replacement of resolvers
Features
▪
Position sensing based on an inductive principle
▪
Cost-effective; no magnet required
▪
Immune to magnetic stray fields; no shielding required
▪
Suitable for harsh environments and extreme temperatures
▪
Differential and single-ended sine and cosine outputs
▪
Automatic gain control with programmable limits
▪
Nonvolatile user-configurable memory, programmable via I2C
interface
▪
Programmable through analog or digital interface
▪
Single IC supports on-axis and off-axis rotation, linear motion,
and arc motion sensing
▪
Adaptable to any full-scale angle range through coil design
▪
High accuracy: ≤ 0.1% full scale (with ideal coils)
▪
Rotation sensing up to a 360º angle range
▪
Over-voltage and reverse-polarity protection:
±18V on both supply and output pins
▪
Facilitates redundant design requirements
▪
Suitable for implementation in safety-related systems
compliant to ISO26262 up to ASIL-C on a single IC and
ASIL-D on dual ICs
▪
Fast diagnostic alarm via interrupt pin
▪
Wide operation temperature: -40 C up to +160°C
▪
Supply voltage programmable for 3.3V±0.3V or 5.0V±0.5V
▪
Small 16-TSSOP exposed pad package (4.4mm
5.0mm)
Application Circuit Example
ADR_IRQN
TX1
TX2
VDD
SCL
SDA
16
15
GND
9
1
6
10
CVDD
VDDA
8
CVA
Tx
7
CT
RX1
RX2
2
3
Rx
(sin)
RX3
RX4
4
5
Rx
(cos)
SIN_SCL
14
SINN
13
COS_SDA
12
COSN
11
3.3V / 5V


Similar Part No. - IPS2550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPS20 ETC2-IPS20 Datasheet
94Kb / 12P
Precision Feedback Controllers Fixed and PTAT references
logo
International Rectifier
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 12P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS2550

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
Triaxis짰 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
Triaxis횘 Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
Integrated Device Techn...
ZMID5201 IDT-ZMID5201 Datasheet
987Kb / 30P
Inductive Position Sensor IC
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
Inductive Position Sensor IC
logo
Melexis Microelectronic...
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
Triaxis짰 Position Sensor IC
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
Inductive Position Sensor IC
Aug.5.22
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
Inductive Position Sensor IC
Aug 19, 2021
ZMID5201 RENESAS-ZMID5201 Datasheet
1Mb / 33P
Inductive Position Sensor IC
July 21, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com