Electronic Components Datasheet Search
  English  ▼

X  

DAC63002 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC63002
Description  DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC63002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC63002 Datasheet HTML 17Page - Texas Instruments DAC63002 Datasheet HTML 18Page - Texas Instruments DAC63002 Datasheet HTML 19Page - Texas Instruments DAC63002 Datasheet HTML 20Page - Texas Instruments DAC63002 Datasheet HTML 21Page - Texas Instruments DAC63002 Datasheet HTML 22Page - Texas Instruments DAC63002 Datasheet HTML 23Page - Texas Instruments DAC63002 Datasheet HTML 24Page - Texas Instruments DAC63002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
6.18 Typical Characteristics: Current Output (continued)
at TA = 25°C, VDD = 5.5 V, output range: ±250 μA (unless otherwise noted)
Code
0
32
64
96
128
160
192
224
255
-10
-8
-6
-4
-2
0
2
4
6
8
10
Channel 1
Channel 0
Output range: 0 μA to –240 μA
Figure 6-42. Current Output TUE vs Digital Input Code
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
Channel 1
Channel 0
DAC channels at midscale
Figure 6-43. Current Output TUE vs Temperature
DAC channels at midscale
Figure 6-44. Current Output TUE vs Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.5
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
1.5
Channel 1
Channel 0
Figure 6-45. Current Output Offset Error vs Temperature
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.5
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
1.5
Channel 1
Channel 0
Figure 6-46. Current Output Gain Error vs Temperature
Load Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
CH1, DAC Code = 0
CH0, DAC Code = 0
CH1, DAC Code = 255
CH0, DAC Code = 255
Figure 6-47. Current Output vs Load Voltage
www.ti.com
DAC53001, DAC53002, DAC63001, DAC63002
SLASF48 – MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC53001 DAC53002 DAC63001 DAC63002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com