Electronic Components Datasheet Search
  English  ▼

X  

DAC63002 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC63002
Description  DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC63002 Datasheet(HTML) 3 Page - Texas Instruments

  DAC63002 Datasheet HTML 1Page - Texas Instruments DAC63002 Datasheet HTML 2Page - Texas Instruments DAC63002 Datasheet HTML 3Page - Texas Instruments DAC63002 Datasheet HTML 4Page - Texas Instruments DAC63002 Datasheet HTML 5Page - Texas Instruments DAC63002 Datasheet HTML 6Page - Texas Instruments DAC63002 Datasheet HTML 7Page - Texas Instruments DAC63002 Datasheet HTML 8Page - Texas Instruments DAC63002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
5 Pin Configuration and Functions
1
FB0
12
FB1/NC
2
OUT0
11
OUT1/NC
3
NC
10
NC
4
NC
9
NC
Not to scale
Thermal Pad
Figure 5-1. RTE Package, 16-pin WQFN, Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
FB0
Input
Voltage feedback pin for channel 0.
In voltage-output mode, connect to OUT0 for closed-loop amplifier output.
In current-output mode, keep the FB0 pin unconnected to minimize leakage current.
2
OUT0
Output
Analog output voltage from DAC channel 0.
3
NC
NC
No connection. Leave this pin unconnected.
4
NC
NC
No connection. Leave this pin unconnected.
5
GPIO/SDO
Input/Output
General-purpose input/output configurable as LDAC, PD, PROTECT, RESET, SDO, and STATUS.
For STATUS and SDO, connect the pin to the IO voltage with an external pullup resistor.
If unused, connect the GPIO pin to VDD or AGND using an external resistor. This pin can ramp up before VDD.
6
SCL/SYNC
Output
I2C serial interface clock or SPI chip select input. This pin must be connected to the IO voltage using an external
pullup resistor. This pin can ramp up before VDD.
7
A0/SDI
Input
Address configuration pin for I2C or serial data input for SPI.
For A0, connect this pin to VDD, AGND, SDA, or SCL for address configuration (Section 7.5.2.2.1).
For SDI, this pin need not be pulled up or pulled down. This pin can ramp up before VDD.
8
SDA/SCLK
Input/Output
Bidirectional I2C serial data bus or SPI clock input. This pin must be connected to the IO voltage using an external
pullup resistor in the I2C mode. This pin can ramp up before VDD.
9
NC
NC
No connection. Leave this pin unconnected.
10
NC
NC
No connection. Leave this pin unconnected.
11
OUT1/NC
Output/NC
DAC63002 and DAC53002: Analog output voltage from DAC channel 1.
DAC63001 and DAC53001: No connection. Leave this pin unconnected.
12
FB1/NC
Input/NC
DAC63002 and DAC53002: Voltage feedback pin for channel 1. In voltage-output mode, connect to OUT1 for closed-
loop amplifier output. In current-output mode, keep the FB0 pin unconnected to minimize leakage current.
DAC63001 and DAC53001: No-connect. Leave this pin unconnected.
13
CAP
Power
External bypass capacitor for the internal LDO. Connect a capacitor (approximately 1.5 μF) between CAP and AGND.
14
AGND
Ground
Ground reference point for all circuitry on the device.
15
VDD
Power
Supply voltage.
16
VREF
Power
External reference input. Connect a capacitor (approximately 0.1 μF) between VREF and AGND.
Use a pullup resistor to VDD when the external reference is not used. This pin must not ramp up before VDD. In case
an external reference is used, make sure the reference ramps up after VDD.
Thermal
pad
Thermal Pad
Ground
Connect the thermal pad to AGND.
www.ti.com
DAC53001, DAC53002, DAC63001, DAC63002
SLASF48 – MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DAC53001 DAC53002 DAC63001 DAC63002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com