Electronic Components Datasheet Search
  English  ▼

X  

DRV8452SPWPR Datasheet(PDF) 52 Page - Texas Instruments

Part # DRV8452SPWPR
Description  DRV8452 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8452SPWPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button DRV8452SPWPR Datasheet HTML 48Page - Texas Instruments DRV8452SPWPR Datasheet HTML 49Page - Texas Instruments DRV8452SPWPR Datasheet HTML 50Page - Texas Instruments DRV8452SPWPR Datasheet HTML 51Page - Texas Instruments DRV8452SPWPR Datasheet HTML 52Page - Texas Instruments DRV8452SPWPR Datasheet HTML 53Page - Texas Instruments DRV8452SPWPR Datasheet HTML 54Page - Texas Instruments DRV8452SPWPR Datasheet HTML 55Page - Texas Instruments DRV8452SPWPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 117 page
background image
STEP
ISTSL
TRQ_DAC
tSTSL_DLY tSTSL_FALL
Figure 7-33. Standstill Power Saving Mode
Note
• TSTSL_FALL in production samples will be 1/16 th of their value in the pre-production samples.
For example, TSTSL_FALL = 0001b will mean fall time for each current step will be 1 ms.
• If ISTSL has to be changed while the device is in standstill power saving mode, first cycle the
EN_STSL bit from 1b to 0b and back to 1b.
7.4.14 Charge Pump
A charge pump is integrated to supply the high-side N-channel MOSFET gate-drive voltage. The charge pump
requires a capacitor between the VM and VCP pins to act as the storage capacitor. Additionally a ceramic
capacitor is required between the CPH and CPL pins to act as the flying capacitor.
VM
VCP
1 μF
VM
CPH
Charge
Pump
Control
VM
CPL
0.1 μF
Figure 7-34. Charge Pump Block Diagram
7.4.15 Linear Voltage Regulator
A linear voltage regulator is integrated in the device. When the VCC pin is connected to DVDD, the DVDD
regulator provides power to the low-side gate driver and all the internal circuits. For proper operation, bypass the
DVDD pin to GND using a 1 μF ceramic capacitor. The DVDD output is nominally 5-V.
DRV8452
SLOSE84 – AUGUST 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com