Electronic Components Datasheet Search
  English  ▼

X  

DRV8452SPWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8452SPWPR
Description  DRV8452 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8452SPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8452SPWPR Datasheet HTML 9Page - Texas Instruments DRV8452SPWPR Datasheet HTML 10Page - Texas Instruments DRV8452SPWPR Datasheet HTML 11Page - Texas Instruments DRV8452SPWPR Datasheet HTML 12Page - Texas Instruments DRV8452SPWPR Datasheet HTML 13Page - Texas Instruments DRV8452SPWPR Datasheet HTML 14Page - Texas Instruments DRV8452SPWPR Datasheet HTML 15Page - Texas Instruments DRV8452SPWPR Datasheet HTML 16Page - Texas Instruments DRV8452SPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
7 Detailed Description
7.1 Overview
The DRV8452 is an integrated motor-driver solution for bipolar stepper motors. The device integrates two
N-channel power MOSFET H-bridges, current sense resistors, current regulation circuitry, and a microstepping
indexer. The DRV8452 is capable of supporting wide supply voltage of 4.5 V to 48 V. The device is available
in two packages - a 44-pin HTSSOP (DDW) package; and another 28-pin HTSSOP (PWP) package. The DDW
package provides an output current up to 5-A full-scale, or 3.5-A root mean square (rms). The PWP package
provides an output current up to 4-A full-scale, or 2.8-A root mean square (rms). The actual full-scale and rms
current depends on the ambient temperature, supply voltage, and PCB thermal design. The PWP package with
SPI interface is pin-to-pin compatible with the DRV8434S. The PWP package with H/W interface is pin-to-pin
compatible with the DRV8424, DRV8426 and DRV8434. The DDW package is pin-to-pin compatible with the
DRV8462.
The DRV8452 integrates the auto-torque feature to reduce power loss and improve system efficiency by
adjusting output current according to the load torque. The SPI interface provides various options to optimize
the performance of the auto-torque algorithm for specific motor and system use case. The stall detection
feature detects and reports a stall condition to the controller when the motor is obstructed or has reached
an end-of-travel stop. Additionally, the standstill power saving mode reduces power loss when the motor is at
holding position.
The DRV8452 uses an integrated current-sense architecture which eliminates the need for two external power
sense resistors, hence saving significant board space, BOM cost, design efforts and reduces significant power
consumption. This architecture eliminates the power dissipated in the sense resistors by using a current mirror
approach and using the internal power MOSFETs for current sensing. Optional external power sense resistors
can also be connected between the PGND pins and board ground to monitor motor health and for implementing
closed-loop algorithms such as Field Oriented Control. The current regulation set point is adjusted by the voltage
at the VREF pin. For the SPI interface, an 8-bit register allows the controller to scale the output current without
needing to scale the VREF voltage reference; and another 8-bit register allows configuration of the holding
current level for the purpose of reducing power loss at motor standstill.
A STEP/DIR pin interface allows an external controller to manage the direction and step rate of the stepper
motor. The internal microstepping indexer can execute high-accuracy micro-stepping without requiring the
external controller to manage the winding current level. The indexer is capable of full step, half step, and 1/4,1/8,
1/16, 1/32, 1/64, 1/128, and 1/256 microstepping. High microstepping contributes to significant audible noise
reduction and smooth motion. The automatic microstepping mode interpolates the input step frequency to high
resolution, thereby improving current regulation and reducing audible noise while running with a low frequency
step input from the controller. The custom microstepping table allows adjusting the current waveform to the
needs of a particular motor.
Stepper motor drivers need to re-circulate the winding current by implementing several types of decay modes,
such as slow decay, mixed decay and fast decay. The DRV8452 supports smart tune decay modes. The smart
tune is an innovative decay mechanism that automatically adjusts for optimal current regulation performance
agnostic of supply voltage and motor speed variations and aging effects. Smart tune Ripple Control uses a
variable off-time ripple current control scheme to minimize distortion of the motor winding current. Smart tune
Dynamic Decay uses a fixed off-time dynamic fast decay percentage scheme. Along with the smart tune decay
modes, the DRV8452 also features a silent step decay mode for noiseless operation at standstill and low speeds
of rotation.
The device integrates a spread spectrum clocking feature for both the internal digital oscillator and internal
charge pump. This feature minimizes the electromagnetic emissions from the device. A low-power sleep mode is
included which allows the system to save power when not actively driving the motor.
www.ti.com
DRV8452
SLOSE84 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DRV8452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com