Electronic Components Datasheet Search
  English  ▼

X  

DRV8452SPWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8452SPWPR
Description  DRV8452 Stepper Motor Driver with Auto-torque, Silent Step Decay Mode and Automatic Microstepping
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8452SPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8452SPWPR Datasheet HTML 17Page - Texas Instruments DRV8452SPWPR Datasheet HTML 18Page - Texas Instruments DRV8452SPWPR Datasheet HTML 19Page - Texas Instruments DRV8452SPWPR Datasheet HTML 20Page - Texas Instruments DRV8452SPWPR Datasheet HTML 21Page - Texas Instruments DRV8452SPWPR Datasheet HTML 22Page - Texas Instruments DRV8452SPWPR Datasheet HTML 23Page - Texas Instruments DRV8452SPWPR Datasheet HTML 24Page - Texas Instruments DRV8452SPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
• SPI_STEP:
– When this bit is '0', the stepping depends on the STEP pin inputs.
– If this bit is '1', the step changes depend on the STEP bit.
• DIR: When SPI_DIR = '1' -
– If DIR = '1', motor moves in the forward direction
– If DIR = '0', motor moves in the reverse direction.
• STEP: When SPI_STEP = '1' -
– If STEP = '1', the indexer advances by one step.
– STEP bit is self-clearing, it becomes '0' after writing '1' to it.
When operating with the SPI interface, depending on the STEP_EDGE bit, STEP active edge can be either
rising edge or both rising and falling edge, as shown in Table 7-9. When configured with H/W interface, the STEP
active edge is only the rising edge. For applications that need to run at high input STEP rate, configuring both
edges as active edge reduces controller overhead by half, because the input STEP rate is effectively doubled.
Table 7-9. STEP Active Edge
MODE
STEP_EDGE
STEP Active Edge
1
0b (default)
Rising edge
1
1b
Rising edge and falling edge
0
X
Rising edge
At each active edge of the STEP input the indexer advances to the next state in the table. The direction shown is
with the DIR pin logic high. If the DIR pin is logic low, the sequence table is reversed.
After power-up, after exiting logic undervoltage lockout, or after exiting sleep mode, the indexer moves to an
initial excitation state (home position) of 45° electrical angle, corresponding to 71% of full-scale current in both
coils. All the registers are restored to their deafult values in such scenario.
Note
• The production samples will feature an INDEX_RESET bit located in CTRL1 register bit 5. This bit
will reset the indexer to 45° electrical angle, but the contents of the registers will not change. In
pre-production samples, this bit will be reserved.
• If the step mode is changed dynamically while stepping, the indexer advances to the next valid
state for the new step mode setting at the active edge of STEP.
If the STEP input frequency is jittery, the device filters the signal for the purpose of stall detection. The
FRQ_CHG and STEP_FRQ_TOL bits program the filter setting, as shown in Table 7-10. 2% filtering means
up to 2% jitter around the center frequency will be filtered out to generate a clean STEP signal for internal
circuits to detect motor stall.
Table 7-10. STEP frequency filtering
FRQ_CHG
STEP_FRQ_TOL
Filtering
0 (default)
00
1%
01 (default)
2%
10
4%
11
6%
1
Don't care
No filtering
7.4.5 Indexer Output
• A 10-bit INDEX_POS register indicates actual position in the microstep table for coil A current.
www.ti.com
DRV8452
SLOSE84 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com