Electronic Components Datasheet Search
  English  ▼

X  

ESD341 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ESD341
Description  ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD341 Datasheet(HTML) 5 Page - Texas Instruments

  ESD341 Datasheet HTML 1Page - Texas Instruments ESD341 Datasheet HTML 2Page - Texas Instruments ESD341 Datasheet HTML 3Page - Texas Instruments ESD341 Datasheet HTML 4Page - Texas Instruments ESD341 Datasheet HTML 5Page - Texas Instruments ESD341 Datasheet HTML 6Page - Texas Instruments ESD341 Datasheet HTML 7Page - Texas Instruments ESD341 Datasheet HTML 8Page - Texas Instruments ESD341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6.4 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX UNIT
VRWM
Reverse stand-off voltage
Pin 1 to Pin 2 or Pin 2 to Pin 1
-3.6
3.6
V
VBRF
Break-down voltage
IIO = 1 mA, Pin 1 to Pin 2
5
6.2
7.2
V
VBRR
Break-down voltage
IIO = -1 mA, Pin 2 to Pin 1
-7.2
-6.2
-5
V
VHOLD
Holding voltage (2)
TLP, Pin 1 to Pin 2 or Pin 2 to Pin 1
6.2
V
VClamp_TLP Clamp voltage with TLP (2)
IPP = 1 A, TLP, Pin 1 to Pin 2
6.3
V
IPP = 5 A, TLP, Pin 1 to Pin 2
7.4
IPP = 16 A, TLP, Pin 1 to Pin 2
10.2
IPP = 1 A, TLP, Pin 2 to Pin 1
6.3
IPP = 5 A, TLP, Pin 2 to Pin 1
7.4
IPP =16 A, TLP, Pin 2 to Pin 1
10.2
VClamp_Surge Clamp voltage with surge strike (4)
IPP = 5.4 A, tp = 8/20 µs , Pin 1 to Pin 2 or Pin 2 to Pin 1
8.8
V
ILEAK
Leakage current
VIO = 3.6 V, Pin 1 to Pin 2 or Pin 2 to Pin 1
5
100
nA
RDYN
Dynamic resistance (3)
Pin 1 to Pin 2
0.25
Ω
Pin 2 to Pin 1
CL
Line capacitance
VIO = 0 V; ƒ = 1 MHz, Pin 1 to Pin 2, TA = 25℃
0.66
pF
(1)
Typical parameters are measured at 25
℃
(2)
Transition line pulse with 100 ns width and 10 ns rise and fall time
(3)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10 A and I = 20 A
(4)
Nonrepetitive current pulse 8 to 20 µs exponentially decaying waveform according to IEC 61000-4-5
www.ti.com
ESD341
SLVSGV3A – APRIL 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com