Electronic Components Datasheet Search
  English  ▼

X  

ESD341 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ESD341
Description  ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD341 Datasheet(HTML) 1 Page - Texas Instruments

  ESD341 Datasheet HTML 1Page - Texas Instruments ESD341 Datasheet HTML 2Page - Texas Instruments ESD341 Datasheet HTML 3Page - Texas Instruments ESD341 Datasheet HTML 4Page - Texas Instruments ESD341 Datasheet HTML 5Page - Texas Instruments ESD341 Datasheet HTML 6Page - Texas Instruments ESD341 Datasheet HTML 7Page - Texas Instruments ESD341 Datasheet HTML 8Page - Texas Instruments ESD341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
1 Features
• IEC 61000-4-2 level 4 ESD protection
– 30 kV contact discharge
– 30 kV air gap discharge
• IEC 61000-4-5 surge protection
– 5.4 A (8/20 µs)
• IO capacitance:
– 0.66 pF (typical)
• DC breakdown voltage: ±6.2 V (typical)
• Ultra low leakage current: 100 nA (maximum)
• Low ESD clamping voltage: 10.2 V at 16 A TLP
• Low insertion loss: 5 GHz (–3 dB bandwidth, DPL)
• Supports high speed interfaces up to 3.4 Gbps
• Industrial temperature range: –40°C to +125°C
• Space-saving industry standard 0201 footprint
(0.6 mm × 0.3 mm × 0.3 mm)
2 Applications
• End equipment:
– Wearables
– Smart speakers
– Portable electronics
– Small appliances
– Laptops and desktops
– TV and monitors
– Head unit
– Rear seat entertainment
– Docking stations
• Interfaces:
– USB 2.0
– USB 3.0
– HDMI 1.4 and 2.0
– LVDS
– DisplayPort
– SIM card
3 Description
The ESD341 is a bidirectional TVS ESD protection
diode for HDMI 1.4 circuit protection. The ESD341 is
rated to dissipate ESD strikes at the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4).
This device features a 0.66 pF (typical) IO
capacitance enabling high-speed interface protection
up to 3.4 Gbps including support for protocols such
as HDMI 1.4b. The low dynamic resistance and
low clamping voltage ensure system level protection
against transient events.
The 30 kV ESD rating and 5.4 A surge provides
robust transient protection in a tiny package for
protecting 3.6 V power rails in portable electronics
and other space constrained applications such as
wearables.
The ESD341 is offered in the industry standard 0201
(DPL) package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD341
X2SON (2)
0.60 mm × 0.30 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
TMDS D2+
TMDS D2-
TMDS D1+
TMDS D1-
TMDS D0+
TMDS D0-
TMDS CLK+
TMDS CLK-
CEC
UTILITY
DDC CLK
DDC DAT
ESD341 (x8)
Copyright © 2022, Texas Instruments Incorporated
HOTPLUG_DET
TPD1E05U06 (x5)
Typical Application
ESD341
SLVSGV3A – APRIL 2022 – REVISED JULY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ESD341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD341 TI-ESD341 Datasheet
835Kb / 15P
ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
ESD341 TI2-ESD341 Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
ESD341DPLR TI2-ESD341DPLR Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
ESD341DPLR.B TI2-ESD341DPLR.B Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
More results

Similar Description - ESD341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
Single-Channel ESD Protection Diode in 0201 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Texas Instruments
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD341 TI-ESD341 Datasheet
835Kb / 15P
ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
ESD451 TI-ESD451 Datasheet
685Kb / 12P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441 Datasheet
678Kb / 12P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441_V01 Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI-ESD451_V01 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com