Electronic Components Datasheet Search
  English  ▼

X  

ESD341 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ESD341
Description  ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD341 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESD341 Datasheet HTML 2Page - Texas Instruments ESD341 Datasheet HTML 3Page - Texas Instruments ESD341 Datasheet HTML 4Page - Texas Instruments ESD341 Datasheet HTML 5Page - Texas Instruments ESD341 Datasheet HTML 6Page - Texas Instruments ESD341 Datasheet HTML 7Page - Texas Instruments ESD341 Datasheet HTML 8Page - Texas Instruments ESD341 Datasheet HTML 9Page - Texas Instruments ESD341 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6.5 Typical Characteristics
Figure 6-1. Positive TLP Curve
Figure 6-2. Negative TLP Curve
Time(ns)
-20
20
60
100
140
180
220
260
300
340
-10
0
10
20
30
40
50
60
70
80
90
100
110
Vclamp_ESD at 30 ns = 8.7 V
Figure 6-3. +8-kV Clamped IEC Waveform
Time(ns)
-20
20
60
100
140
180
220
260
300
340
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Vclamp_ESD at 30 ns = -9.73 V
Figure 6-4. -8-kV Clamped IEC Waveform
VR (V)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
0.5
0.52
0.54
0.56
0.58
0.6
0.62
0.64
0.66
0.68
0.7
Frequency = 1 MHz and TA = 25 C
Figure 6-5. Bias Voltage vs. Capacitance
Temperature ( C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.5
0.54
0.58
0.62
0.66
0.7
0.74
0.78
0.82
VR = 0 V at Frequency = 1 MHz
Figure 6-6. Temperature vs. Capacitance
ESD341
SLVSGV3A – APRIL 2022 – REVISED JULY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com