Electronic Components Datasheet Search
  English  ▼

X  

MEPIA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MEPIA
Description  Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MEPIA Datasheet(HTML) 1 Page - Vishay Siliconix

  MEPIA Datasheet HTML 1Page - Vishay Siliconix MEPIA Datasheet HTML 2Page - Vishay Siliconix MEPIA Datasheet HTML 3Page - Vishay Siliconix MEPIA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MEPIA
www.vishay.com
Vishay Sfernice
Revision: 08-Feb-2019
1
Document Number: 53079
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Massive Electro-Pyrotechnic Initiator
AEC-Q200 Qualified Resistor Chip
DESIGN SUPPORT TOOLS
MEPIA is the AEC-Q200 qualified declination of Vishay
MEPIC product.
The principle of MEPIA is to convert electrical energy into
heat in a precise electro-thermal profile. Automotive
applications cover airbags and security belts activation.
Additional information about general purpose MEPIC
product can be found here:
www.vishay.com/doc?53058
FEATURES
• AEC-Q200 qualified
• Surface mount design for standard assembly
process
• SMD version only, with tin terminations
• Case size 0805
• Firing energy down to 0.5 mJ (1)
• Firing time down to 250 μs
• Ohmic value: 2
• Joule effect ignition
• Easy set up by design of firing levels
• Very predictable, reproducible and reliable behavior
• Compatibility with pyrotechnic element has to be tested in
real environment
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Ignitor performances are dependent on both pyrotechnic primer
chemistry and active areas geometry
Notes
• For the assembly on board, we recommend the lead (Pb)-free thermal profile as per J-STD-020C
• Do not use iron soldering method to mount a MEPIA because it may damage the component (deformation that may cause active area cracks)
click logo to get started
Available
Models
DIMENSIONS AND TOLERANCES in millimeters (inches)
MODEL
SIZE / CASE
DESIGNATION
WIDTH
W
LENGTH
L
THICKNESS
T
BACK SIDE
PADS
P
ACTIVE AREA
WIDTH
TOLERANCE
A
MEPIA (SMD)
0805
2.00 ± 0.15
(0.080 ± 0.006)
1.25 ± 0.10
(0.050 ± 0.004)
0.6 ± 0.1
(0.024 ± 0.004)
0.45 ± 0.2
(0.018 ± 0.006)
± 0.01
(± 0.0004)
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE / CASE
DESIGNATION
RESISTANCE
RANGE
RESISTANCE
TOLERANCE
%
MEPIA (SMD)
0805
2
7.5 to 30
MECHANICAL SPECIFICATIONS
Mechanical protection
None
Resistive element
NiCr foil
Substrate
Epoxy based FRx
Terminations
Tin


Similar Part No. - MEPIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MEPIC VISHAY-MEPIC Datasheet
93Kb / 4P
Massive Electro-Pyrotechnic Initiator Chip Resistor
25-Nov-2021
MEPICXXXXWSB VISHAY-MEPICXXXXWSB Datasheet
93Kb / 4P
Massive Electro-Pyrotechnic Initiator Chip Resistor
25-Nov-2021
MEPICXXXXWST VISHAY-MEPICXXXXWST Datasheet
93Kb / 4P
Massive Electro-Pyrotechnic Initiator Chip Resistor
25-Nov-2021
MEPICXXXXWSW VISHAY-MEPICXXXXWSW Datasheet
93Kb / 4P
Massive Electro-Pyrotechnic Initiator Chip Resistor
25-Nov-2021
MEPICXXXXWTB VISHAY-MEPICXXXXWTB Datasheet
93Kb / 4P
Massive Electro-Pyrotechnic Initiator Chip Resistor
25-Nov-2021
More results

Similar Description - MEPIA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EPIC VISHAY-EPIC Datasheet
86Kb / 3P
Electro-Pyrotechnic Initiator Chip Resistor
03-Nov-08
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
EMK325BJ226MMHP TAIYO-YUDEN-EMK325BJ226MMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
YAGEO Corporation
AT0402BRD07 YAGEO-AT0402BRD07 Datasheet
653Kb / 9P
AEC-Q200 qualified
logo
Vishay Siliconix
MEPIC VISHAY-MEPIC Datasheet
93Kb / 4P
Massive Electro-Pyrotechnic Initiator Chip Resistor
25-Nov-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com