Electronic Components Datasheet Search
  English  ▼

X  

MEPIA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MEPIA
Description  Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MEPIA Datasheet(HTML) 2 Page - Vishay Siliconix

  MEPIA Datasheet HTML 1Page - Vishay Siliconix MEPIA Datasheet HTML 2Page - Vishay Siliconix MEPIA Datasheet HTML 3Page - Vishay Siliconix MEPIA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MEPIA
www.vishay.com
Vishay Sfernice
Revision: 08-Feb-2019
2
Document Number: 53079
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TECHNOLOGY
The MEPIA active area (heating zone) will be impregnated by the user with a primary pyrotechnic material (usually wet primer
followed by drying) in such way to ensure an intimate contact for an optimum heat transfer of thermal energy. Note that the
active area of MEPIA shall not be put in direct contact with explosive powder as grain size will not ensure intimate contact and
will induce non reproducible and non reliable performances.
The two main characteristics of a MEPIA resistor are their “All Fire” (AF) and “No Fire” (NF) performances:
- “All Fire” (AF) represents the command pulse (generally with capacitance discharge) where the major amount of the dissipated
energy will be transferred to the primer to generate the ignition
- “No Fire” (NF) represents the immunity of the resistor with primer to the environmental electro-magnetic pollution and electric
continuity test, where the major amount of the dissipated energy will be transferred to the substrate to ensure no ignition
PERFORMANCES
TESTS
SPEC.
CONDITIONS
SPEC.
REQUIREMENTS
TYPICAL
PERFORMANCES
High temperature
exposure
MIL-STD-202
Method 108
T = 125 °C / 1000 h
± 2 % ± 0.05
± 1.5 %
Temperature cycling
JESD22
Method JA-104
-55 °C / 125 °C
1000 cycles
± 5 % ± 0.05
± 1.5 %
Biased humidity
MIL-STD-202
Method 103
85 °C / 85 % RH
1000 h
± 2 % ± 0.05
± 1.2 %
Operational life
MIL-STD-202
Method 108
T = 125°C / 1000 h
P = 51 mW
(P based on no fire
conditions)
± 2 % ± 0.05
± 1.6 %
Mechanical shock
MIL-STD-202
Method 213
100 G
± 2 % ± 0.05
± 0
.2 %
Vibration
MIL-STD-202
Method 204
2000 Hz / 5G
10 cycles
± 2 % ± 0.05
± 0
.2 %
Solderability
MIL-STD-202
Method 210
Cond. D
T = 245 °C / 3 s
No degradation
of termination side
Visual inspection:
conform to spec.
ESD
AEC-Q200-002
Air discharge
U = 25 kV / 1 time
± 5 % ± 0.05
± 1.5 %
Reflow
According to
IPC-610 / vers. E
§ 8.3.2.6 / Fig. 8.35
Sn96.6Ag3Cu0.5
soldering
25 % of the height of the
termination
Visual inspection:
conform to spec.
Electrical
characterization
User spec.
-55°C / 125°C
alumina board
± 200 ppm/°C
± 160 ppm/°C
Electrical
characterization
User spec.
-55°C / 125°C
FR4 board
± 200 ppm/°C
± 170 ppm/°C
Board flex
AEC-Q200-005
60 s / 2 mm
± 2 % ± 0.05
± 0
.2 %
Shear test
AEC-Q200-006
0.5 N / 60 s
± 2 % ± 0.05
± 0
.8 %
RANGE OF IGNITION PERFORMANCES
MODEL
“NO FIRE”
CURRENT
A
“NO FIRE”
DURATION
s
“ALL FIRE”
CURRENT
A
IGNITION
TIME
ms
“ALL FIRE”
ENERGY
μJ
MEPIA (SMD)
0.5 to 1.2
2 to 10
Down to 1
Down to 0.25
Down to 500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com