Electronic Components Datasheet Search
  English  ▼

X  

MEPIA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MEPIA
Description  Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MEPIA Datasheet(HTML) 3 Page - Vishay Siliconix

  MEPIA Datasheet HTML 1Page - Vishay Siliconix MEPIA Datasheet HTML 2Page - Vishay Siliconix MEPIA Datasheet HTML 3Page - Vishay Siliconix MEPIA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MEPIA
www.vishay.com
Vishay Sfernice
Revision: 08-Feb-2019
3
Document Number: 53079
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ASSEMBLY PRECAUTIONS
In order to obtain reproducible ignition performances it is important that the assembly process fulfills the following criteria:
- Take specific precautions, such as no air bubble during preparation and application of primer, in order to ensure the intimate
contact of pyrotechnic primer and MEPIA active area (potential misfire)
- Take specific handling precaution in order not to damage MEPIA active area (ex: pickup head design for pick and place or
specific fixing tools in the entire assembly process)
- All along the assembly process, take specific care to extreme thermo-mechanic stress that could be applied to the MEPIA
(such as stress induced during over molding) because the active area of MEPIA is subjected to crack (and generate unstable
resistance value)
- The MEPIA reliability is only guaranteed for one single reflow profile
- In case of necessity to dismantle a MEPIA, another MEPIA must be used (no rework is allowed)
- Pay specific attention to the cleaning process after reflow soldering in order not to damage the active area and to keep it clean
from various pollution
ORDERING PROCEDURE
Global Part Numbering: MEPIA0805-2R0ILT09
MODEL
SIZE
VALUE
TOLERANCE
ENERGY
CLASS
PACKAGING
OPTION
MEPIA
0805
2R0
I = 7.5 %
K = 10 %
L = 20 %
M = 30 %
L = low
(typical all fire
= 500 μJ)
H = high
(typical all fire
= 1 mJ)
For more
information see
“Codification of
packaging”
table
Leave blank
if no option
CODIFICATION OF PACKAGING
CODE 18
PACKAGING
REMARK
(USUAL ASSEMBLY PROCESS)
T
Tape and reel (plastic tape)
Automatic pick-and-place
W
Waffle pack
Manual placing on PCB
B
Bag
Bowl feeding
PI
0
A8
0
-
52
E
M
R
0
I
L
T
0
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com