Electronic Components Datasheet Search
  English  ▼

X  

F0440 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 8Page - Renesas Technology Corp F0440 Datasheet HTML 9Page - Renesas Technology Corp F0440 Datasheet HTML 10Page - Renesas Technology Corp F0440 Datasheet HTML 11Page - Renesas Technology Corp F0440 Datasheet HTML 12Page - Renesas Technology Corp F0440 Datasheet HTML 13Page - Renesas Technology Corp F0440 Datasheet HTML 14Page - Renesas Technology Corp F0440 Datasheet HTML 15Page - Renesas Technology Corp F0440 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
12
November 4, 2021
Typical Performance Characteristics [Output IP3, EVkit Losses]
Figure 3. Output IP3 for Pout = 0dBm/tone
Figure 4. Output IP3 for Pout =-10dBm/tone
Figure 5. Output IP3 for DSA0=6dB, DSA1=0dB,
DSA2 = 0dB, and Pout = 0dBm/tone
Figure 6. Output IP3 for DSA0=0dB, DSA1=0dB,
DSA = 18dB, and Pout =-18dBm/tone
Figure 7. Output IP3 Versus Tone Spacing
Figure 8. EVkit Losses [connectors and
traces])
30
32
34
36
38
40
42
44
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40C case / 4.75V
-40C case / 5V
-40C case / 5.25V
+25C case / 4.75V
+25C case / 5V
+25C case / 5.25V
+105C case / 4.75V
+105C case / 5V
+105C case / 5.25V
30
32
34
36
38
40
42
44
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40C case / 4.75V
-40C case / 5V
-40C case / 5.25V
+25C case / 4.75V
+25C case / 5V
+25C case / 5.25V
+105C case / 4.75V
+105C case / 5V
+105C case / 5.25V
30
32
34
36
38
40
42
44
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40C case / 4.75V
-40C case / 5V
-40C case / 5.25V
+25C case / 4.75V
+25C case / 5V
+25C case / 5.25V
+105C case / 4.75V
+105C case / 5V
+105C case / 5.25V
10
12
14
16
18
20
22
24
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40C case / 4.75V
-40C case / 5V
-40C case / 5.25V
+25C case / 4.75V
+25C case / 5V
+25C case / 5.25V
+105C case / 4.75V
+105C case / 5V
+105C case / 5.25V
30
32
34
36
38
40
42
44
0
5
10
15
20
25
30
Tone Spacing (MHz)
0.9 GHz / ChA
0.9 GHz / ChB
2.0 GHz / ChA
2.0 GHz / ChB
2.7 GHz / ChA
2.7 GHz / ChB
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40 C
+25 C
+105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com