Electronic Components Datasheet Search
  English  ▼

X  

F0440 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # F0440
Description  Dual Matched Broadband RF DVGA 400MHz to 2700MHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0440 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button F0440 Datasheet HTML 21Page - Renesas Technology Corp F0440 Datasheet HTML 22Page - Renesas Technology Corp F0440 Datasheet HTML 23Page - Renesas Technology Corp F0440 Datasheet HTML 24Page - Renesas Technology Corp F0440 Datasheet HTML 25Page - Renesas Technology Corp F0440 Datasheet HTML 26Page - Renesas Technology Corp F0440 Datasheet HTML 27Page - Renesas Technology Corp F0440 Datasheet HTML 28Page - Renesas Technology Corp F0440 Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
F0440 Datasheet
© 2021 Renesas Electronics Corporation
25
November 4, 2021
Figure 50. Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot, ringing, etc., the following circuit
at the input of each control pin is recommended. This applies to all SPI and control pins as shown below. Note the recommended resistor and
capacitor values do not necessarily match the EV kit BOM for the case of poor control signal integrity.
9
8
7
6
5
4
3
2
1
18
17
16
15
14
13
12
11
10
27
26
25
24
23
22
21
20
19
36
35
34
33
32
31
30
29
28
VCTRL2_A
5Kohm
2pf
SPI Data
5Kohm
2pf
SPI Clk
VCTRL2_B
STBY_B
VCTRL1_B
5Kohm
2pf
VCTRL0_A
2pf
5Kohm
VCTRL0_B
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
2pf
5Kohm
IDTF0440
Exposed pad (GND)
STBY_A
2pf
5Kohm
VCTRL1_A
2pf
5Kohm
SPI CSb_A
2pf
5Kohm
5Kohm
2pf
SPI CSb_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com