Electronic Components Datasheet Search
  English  ▼

X  

F1478 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # F1478
Description  High Gain RF Amplifier 1.8GHz to 5.0GHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1478 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button F1478 Datasheet HTML 35Page - Renesas Technology Corp F1478 Datasheet HTML 36Page - Renesas Technology Corp F1478 Datasheet HTML 37Page - Renesas Technology Corp F1478 Datasheet HTML 38Page - Renesas Technology Corp F1478 Datasheet HTML 39Page - Renesas Technology Corp F1478 Datasheet HTML 40Page - Renesas Technology Corp F1478 Datasheet HTML 41Page - Renesas Technology Corp F1478 Datasheet HTML 42Page - Renesas Technology Corp F1478 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
F1478 Datasheet
© 2019 Integrated Device Technology, Inc.
39
March 29, 2019
Evaluation Kit Circuit
Figure 102. Electrical Schematic for the Evaluation Board
C12
STBY
J4
GND
R4
J10
J9
1
2
C2
R3L
C3
C10
J7
1
2
RFIN
R2
VCC
J6
R5
VCC
L1
C11
C7
C5
R7
C1
R3H
NC
1
RFIN
2
NC
3
VCC-RF
4
NC
9
RFOUT
10
RFOUT
11
NC
12
C4
C8
C6
RFOUT
J8
J1
R1
VCC
C9
GND
R6
L3
THRU LINE
VCC
VCC
J2
L2
J5
J3
R9
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com