Electronic Components Datasheet Search
  English  ▼

X  

F1478 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1478
Description  High Gain RF Amplifier 1.8GHz to 5.0GHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1478 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1478 Datasheet HTML 17Page - Renesas Technology Corp F1478 Datasheet HTML 18Page - Renesas Technology Corp F1478 Datasheet HTML 19Page - Renesas Technology Corp F1478 Datasheet HTML 20Page - Renesas Technology Corp F1478 Datasheet HTML 21Page - Renesas Technology Corp F1478 Datasheet HTML 22Page - Renesas Technology Corp F1478 Datasheet HTML 23Page - Renesas Technology Corp F1478 Datasheet HTML 24Page - Renesas Technology Corp F1478 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
F1478 Datasheet
© 2019 Integrated Device Technology, Inc.
21
March 29, 2019
Typical Performance Characteristics (Band 2p0 – 1.8GHz to 2.2GHz)
Figure 3. Gain - Low Power Mode
Figure 4. Gain - High Power Mode
Figure 5. Input Return Loss - Low Power Mode
Figure 6. Input Return Loss - High Power Mode
Figure 7. Output Return Loss - Low Power
Mode
Figure 8. Output Return Loss – High Power
Mode
0
5
10
15
20
25
30
35
40
45
50
1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7
Frequency (GHz)
-40 C / 4.75 V
-40 C / 5.00 V
-40 C / 5.25 V
+25 C / 4.75 V
+25 C / 5.00 V
+25 C / 5.25 V
+115 C / 4.75 V
+115 C / 5.00 V
+115 C / 5.25 V
0
5
10
15
20
25
30
35
40
45
50
1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7
Frequency (GHz)
-40 C / 4.75 V
-40 C / 5.00 V
-40 C / 5.25 V
+25 C / 4.75 V
+25 C / 5.00 V
+25 C / 5.25 V
+115 C / 4.75 V
+115 C / 5.00 V
+115 C / 5.25 V
-30
-25
-20
-15
-10
-5
0
1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7
Frequency (GHz)
-40 C / 4.75 V
-40 C / 5.00 V
-40 C / 5.25 V
+25 C / 4.75 V
+25 C / 5.00 V
+25 C / 5.25 V
+115 C / 4.75 V
+115 C / 5.00 V
+115 C / 5.25 V
-30
-25
-20
-15
-10
-5
0
1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7
Frequency (GHz)
-40 C / 4.75 V
-40 C / 5.00 V
-40 C / 5.25 V
+25 C / 4.75 V
+25 C / 5.00 V
+25 C / 5.25 V
+115 C / 4.75 V
+115 C / 5.00 V
+115 C / 5.25 V
-30
-25
-20
-15
-10
-5
0
1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7
Frequency (GHz)
-40 C / 4.75 V
-40 C / 5.00 V
-40 C / 5.25 V
+25 C / 4.75 V
+25 C / 5.00 V
+25 C / 5.25 V
+115 C / 4.75 V
+115 C / 5.00 V
+115 C / 5.25 V
-30
-25
-20
-15
-10
-5
0
1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7
Frequency (GHz)
-40 C / 4.75 V
-40 C / 5.00 V
-40 C / 5.25 V
+25 C / 4.75 V
+25 C / 5.00 V
+25 C / 5.25 V
+115 C / 4.75 V
+115 C / 5.00 V
+115 C / 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com