Electronic Components Datasheet Search
  English  ▼

X  

F1478 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1478
Description  High Gain RF Amplifier 1.8GHz to 5.0GHz
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1478 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1478 Datasheet HTML 9Page - Renesas Technology Corp F1478 Datasheet HTML 10Page - Renesas Technology Corp F1478 Datasheet HTML 11Page - Renesas Technology Corp F1478 Datasheet HTML 12Page - Renesas Technology Corp F1478 Datasheet HTML 13Page - Renesas Technology Corp F1478 Datasheet HTML 14Page - Renesas Technology Corp F1478 Datasheet HTML 15Page - Renesas Technology Corp F1478 Datasheet HTML 16Page - Renesas Technology Corp F1478 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
F1478 Datasheet
© 2019 Integrated Device Technology, Inc.
13
March 29, 2019
Electrical Characteristics – Band 2p0 (1.8GHz to 2.2GHz) / High Power
Mode
See Typical Application Circuit. Specifications apply when operated as a TX amplifier with tuning optimized for the 1.8GHz to 2.2GHz band,
VCC = +5.0V, ICC = 140mA, R3 = 10kΩ, fRF = 2.0GHz, TEPAD = +25°C, STBY = HIGH, ZS = ZL = 50, Evaluation Kit trace and connector losses
are de-embedded, unless otherwise stated.
Table 6.
Electrical Characteristics – Band 2p0 (1.8GHz to 2.2GHz) / High Power Mode
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Gain
G
29.9
dB
Gain Flatness
GFLAT
fRF = 1.8GHz to 2.2GHz
0.7
dB
Gain Variation Over Temperature
GTEMP
TEPAD = -40°C to +115°C,
referenced to TEPAD = 25°C
+0.7 / -1.6
dB
STBY Mode Gain
GSTBY
STBY = logic LOW
PIN ≤ -15dBm
fRF = 1.8GHz to 2.2GHz
-45
dB
RF Input Return Loss
RLRFIN
fRF = 1.8GHz to 2.2GHz
8.0
dB
RF Output Return Loss
RLRFOUT
fRF = 1.8GHz to 2.2GHz
16.0
dB
Reverse Isolation
ISOREV
50
dB
Noise Figure
NF
1.8
dB
Output Third Order Intercept Point
OIP3
POUT = +2dBm / tone
1MHz tone separation
34,8
dBm
Output 1dB Compression Point
OP1dB
24.0
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com