Electronic Components Datasheet Search
  English  ▼

X  

F2912 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2912 Datasheet HTML 1Page - Renesas Technology Corp F2912 Datasheet HTML 2Page - Renesas Technology Corp F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
F2912 Datasheet
R35DS0019EU0104 Rev.1.04
Sep 20, 2021
Page 3
1.
Pin Information
1.1
Pin Assignments
Top View
1.2
Pin Descriptions
Pin Number
Pin Name
Description
1, 2, 4, 5, 6, 7, 9,
10, 11, 12, 14, 15
GND
Ground these pins as close to the device as possible.
3
RF1
RF1 Port. Matched to 50
Ω. If this pin is not 0 V DC, then an external coupling capacitor
must be used.
8
RF_COM
RF Common Port. Matched to 50
Ω. If this pin is not 0 V DC, then an external coupling
capacitor must be used.
13
RF2
RF2 Port. Matched to 50
Ω. If this pin is not 0 V DC, then an external coupling capacitor
must be used.
16
CTL2
Control 2 – See Table 1 and Table 2 Switch Control Truth Tables for proper logic setting.
17
CTL1
Control 1 – See Table 1 and Table 2 Switch Control Truth Tables for proper logic setting.
18
LogicCTL
Logic Control – See Table 4 Logic Control Truth Table. Apply VCC to select 1.8 V logic control
or GND for 3.3 V logic control.
19
ModeCTL
Mode Control – See Table 3 Mode Control Truth Table. Apply VCC to select 1-pin control or
GND for 2-pin control.
20
VCC
Power Supply. Bypass to GND with capacitors shown in the Typical Application Circuit as
close as possible to pin.
21
— EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses
multiple ground vias to provide heat transfer out of the device into the PCB ground planes.
These multiple via grounds are also required to achieve the specified RF performance.
GND
16
17
18
19
20
1
4
3
2
5
GND
GND
11
GND
6
7
8
9
10
RF2
15
12
13
GND
14
GND
GND
RF1
GND
50
Ω
50
Ω
50
Ω
Control
Circuit
E.P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com