Electronic Components Datasheet Search
  English  ▼

X  

F2912 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp F2912 Datasheet HTML 10Page - Renesas Technology Corp F2912 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
F2912 Datasheet
R35DS0019EU0104 Rev.1.04
Sep 20, 2021
Page 7
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Return Loss
RF1, RF2
(State 2 or 3)
RL4
RF = 1.0GHz
26
dB
RF = 2.0GHz
25
RF = 4.0GHz
21
RF = 6.0GHz
17
RF = 8.1GHz
14
RF = 9.0GHz
10
Input IP2
RF1 / RF2
(State 2 or 3)
IIP2
RF = 1.0GHz
102
dBm
RF = 2.0GHz
110
RF = 3.0GHz
110
Input IP3
RF1 / RF2
(State 2 or 3)
IIP3
RF = 1.0GHz
66
dBm
RF = 2.0GHz
64
RF = 3.0GHz
64
Input 1dB compression
RF1 / RF2
(State 2 or 3) [3]
IP1dB
FRF = 2.0GHz
29
30
dBm
Switching Time
TSW
RF = 1.0GHz
50% control to 90% RF
1.1
µs
RF = 1GHz
50% control to 10% RF
0.5
Maximum Switching Frequency
SWFREQ
25
kHz
Maximum video feed-through
RF_COM port
VIDFT
5MHz to 1GHz
Measured with 2.5ns risetime,
0 to 3.3V control pulse
5
mVpp
Maximum spurious level on any
RF port [4]
SpurMAX
RF ports terminated into 50
Ω
-145
dBm
1.
Items in min/max columns in bold italics are confirmed by test.
2.
Items in min/max columns that are not bold/italics are confirmed by Design Characterization.
3.
The input 1dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section for the maximum RF
input power.
4.
Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com