Electronic Components Datasheet Search
  English  ▼

X  

F2912 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp F2912 Datasheet HTML 10Page - Renesas Technology Corp F2912 Datasheet HTML 11Page - Renesas Technology Corp F2912 Datasheet HTML 12Page - Renesas Technology Corp F2912 Datasheet HTML 13Page - Renesas Technology Corp F2912 Datasheet HTML 14Page - Renesas Technology Corp F2912 Datasheet HTML 15Page - Renesas Technology Corp F2912 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
F2912 Datasheet
R35DS0019EU0104 Rev.1.04
Sep 20, 2021
Page 12
3.3
Typical Operating Conditions (3)
Figure 14. RF1 Return Loss vs. Temperature
Figure 15. RF1 Return Loss vs. Temperature
Figure 16. RF1 Return Loss vs. Voltage
Figure 17. RF1 Return Loss vs. Voltage
Figure 18. RF2 Return Loss vs. Temperature
Figure 19. RF2 Return Loss vs. Temperature
-40
-35
-30
-25
-20
-15
-10
-5
0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
-55 C / +3.3 V / RF1 Sel
-55 C / +3.3 V / RF2 Sel
-40 C / +3.3 V / RF1 Sel
-40 C / +3.3 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+125 C / +3.3 V / RF1 Sel
+125 C / +3.3 V / RF2 Sel
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
-55 C / +3.3 V / RF1 Sel
-55 C / +3.3 V / RF2 Sel
-40 C / +3.3 V / RF1 Sel
-40 C / +3.3 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+125 C / +3.3 V / RF1 Sel
+125 C / +3.3 V / RF2 Sel
-40
-35
-30
-25
-20
-15
-10
-5
0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
+25 C / +2.7 V / RF1 Sel
+25 C / +2.7 V / RF2 Sel
+25 C / +3.0 V / RF1 Sel
+25 C / +3.0 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+25 C / +3.6 V / RF1 Sel
+25 C / +3.6 V / RF2 Sel
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
+25 C / +2.7 V / RF1 Sel
+25 C / +2.7 V / RF2 Sel
+25 C / +3.0 V / RF1 Sel
+25 C / +3.0 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+25 C / +3.6 V / RF1 Sel
+25 C / +3.6 V / RF2 Sel
-40
-35
-30
-25
-20
-15
-10
-5
0
1.E+4
1.E+5
1.E+6
1.E+7
1.E+8
1.E+9
Frequency (Hz)
-55 C / +3.3 V / RF1 Sel
-55 C / +3.3 V / RF2 Sel
-40 C / +3.3 V / RF1 Sel
-40 C / +3.3 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+125 C / +3.3 V / RF1 Sel
+125 C / +3.3 V / RF2 Sel
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
11
Frequency (GHz)
-55 C / +3.3 V / RF1 Sel
-55 C / +3.3 V / RF2 Sel
-40 C / +3.3 V / RF1 Sel
-40 C / +3.3 V / RF2 Sel
+25 C / +3.3 V / RF1 Sel
+25 C / +3.3 V / RF2 Sel
+125 C / +3.3 V / RF1 Sel
+125 C / +3.3 V / RF2 Sel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com