Electronic Components Datasheet Search
  English  ▼

X  

F1701 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1701
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1701 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1701 Datasheet HTML 1Page - Renesas Technology Corp F1701 Datasheet HTML 2Page - Renesas Technology Corp F1701 Datasheet HTML 3Page - Renesas Technology Corp F1701 Datasheet HTML 4Page - Renesas Technology Corp F1701 Datasheet HTML 5Page - Renesas Technology Corp F1701 Datasheet HTML 6Page - Renesas Technology Corp F1701 Datasheet HTML 7Page - Renesas Technology Corp F1701 Datasheet HTML 8Page - Renesas Technology Corp F1701 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
3
Rev1 December 2013
IDTF1751NBGI
Datasheet
IDTF1751 RECOMMENDED OPERATING CONDITIONS
Parameter
Comment
Symbol
min
typ
max
Units
Supply Voltage(s)
All VCC pins
VCC
4.75
5.25
V
Operating
Temperature Range
Case Temperature
TCASE
-40
+105
degC
RF Freq Range
Sets LO Range
FRF1
1430
2050
MHz
Oversample RF
Range
Measure gain at 200MHz IF
LO = 1600MHz, 2300MHz
FRF2
1400
2500
LO Range
FLO
1400
2500
IF Freq Range
FIF
50
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com