Electronic Components Datasheet Search
  English  ▼

X  

F1701 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F1701
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1701 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F1701 Datasheet HTML 16Page - Renesas Technology Corp F1701 Datasheet HTML 17Page - Renesas Technology Corp F1701 Datasheet HTML 18Page - Renesas Technology Corp F1701 Datasheet HTML 19Page - Renesas Technology Corp F1701 Datasheet HTML 20Page - Renesas Technology Corp F1701 Datasheet HTML 21Page - Renesas Technology Corp F1701 Datasheet HTML 22Page - Renesas Technology Corp F1701 Datasheet HTML 23Page - Renesas Technology Corp F1701 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
20
Rev1 December 2013
IDTF1751NBGI
Datasheet
PIN DIAGRAM
Package Drawing
5 mm x 5 mm package dimension
3.1 mm x 3.1 mm exposed paddle
0.65 mm pitch
20 pins
0.75 mm height
0.30 mm pad width
0.55 mm pad length
GND [NC]
GND [RF RTN]
RF_IN
VCC
TOP View
(looking through the top of the package)
Exposed Pad
5
4
3
2
1
NC
GND
GND [LO_ADJ]
GND
LO_IN
15
14
13
12
11
10
9
8
7
6
20
19
18
17
16
VCC
BLACK TEXT is recommended external connection
RED TEXT denotes internal function or connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com