Electronic Components Datasheet Search
  English  ▼

X  

F1701 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F1701
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1701 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F1701 Datasheet HTML 4Page - Renesas Technology Corp F1701 Datasheet HTML 5Page - Renesas Technology Corp F1701 Datasheet HTML 6Page - Renesas Technology Corp F1701 Datasheet HTML 7Page - Renesas Technology Corp F1701 Datasheet HTML 8Page - Renesas Technology Corp F1701 Datasheet HTML 9Page - Renesas Technology Corp F1701 Datasheet HTML 10Page - Renesas Technology Corp F1701 Datasheet HTML 11Page - Renesas Technology Corp F1701 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
8
Rev1 December 2013
IDTF1751NBGI
Datasheet
TOCS [IF = 200MHZ, HIGH SIDE INJECTION] P1dBo, 2X2 (2)
P1dBO vs. TCASE
12
13
14
15
16
17
18
19
20
21
22
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
105degC - +5.0V - 0dBm
25degC - +5.0V - 0dBm
-40degC - +5.0V - 0dBm
P1dBO vs. Vcc
12
13
14
15
16
17
18
19
20
21
22
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +4.75V - 0dBm
25degC - +5.0V - 0dBm
25degC - +5.25V - 0dBm
2x2 Rejection vs. Lo Level
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +5.0V - 0dBm
25degC - +5.0V - 3dBm
25degC - +5.0V - -3dBm
P1dBO vs. Lo Level
12
13
14
15
16
17
18
19
20
21
22
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +5.0V - 0dBm
25degC - +5.0V - 3dBm
25degC - +5.0V - -3dBm
2x2 Rejection vs. TCASE
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
105degC - +5.0V - 0dBm
25degC - +5.0V - 0dBm
-40degC - +5.0V - 0dBm
2x2 Rejection vs. Vcc
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +4.75V - 0dBm
25degC - +5.0V - 0dBm
25degC - +5.25V - 0dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com