Electronic Components Datasheet Search
  English  ▼

X  

F1763 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F1763
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1763 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F1763 Datasheet HTML 1Page - Renesas Technology Corp F1763 Datasheet HTML 2Page - Renesas Technology Corp F1763 Datasheet HTML 3Page - Renesas Technology Corp F1763 Datasheet HTML 4Page - Renesas Technology Corp F1763 Datasheet HTML 5Page - Renesas Technology Corp F1763 Datasheet HTML 6Page - Renesas Technology Corp F1763 Datasheet HTML 7Page - Renesas Technology Corp F1763 Datasheet HTML 8Page - Renesas Technology Corp F1763 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
5
Rev1 December 2013
IDTF1751NBGI
Datasheet
IDTF1751 SPECIFICATION - CONTINUED
Refer to Typical Application Circuit when operated with VCC = +5.0V, TC= +25°C, FRF = 1950 MHz, FIF = 200 MHz, FLO = 1750 MHz, PLO = 0
dBm, output power = +1dBm per tone, STBY = GND unless otherwise noted. Transformer loss is de-embedded unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
IM2 Sum Product (IM2+)
Pout = -3 dBm each tone
F
IF1 = 200 MHz, FIF2 = 205MHz
IM2 Product = 405 MHz
IM2+
-62
-56
dBc
IM2 Diff Product (IM2-)
Pout = -3 dBm each tone
F
IF1 = 200 MHz, FIF2 = 205MHz
IM2 Product = 5 MHz
IM2-
-83
-77
dBc
1dB output compression
Output referred
P1dBO
17
20.5
dBm
1dB input compression
Input referred
P1dBI
9.7
dBm
Gain Comp. w/blocker
Unmodulated blocker
P
in = +4 dBm, -100MHz offset
Signal Pin Tone = -20dBm
Measure Δ gain of signal
ΔG
AC
0.3
0.5
dB
Gain Ripple
Fixed LO = 1650 MHz
RF = 1700 to 2100 MHz
IF = 50 to 450 MHz
1.5
1.9
dB
RF Input Impedance
Single Ended
ZRF
50
Ω
LO port Impedance
Single Ended
ZLO
50
IF Output Impedance
Differential
ZIF
200
RF Input Return Loss
Single Ended
RFRL
10
14
dB
LO port Return Loss
Single Ended
LORL
12
15
dB
IF Output Return Loss
Differential
IFRL
12
14
dB
LO to IF leakage
ISOLI
-41.5
-27
dBm
RF to IF leakage
Referenced to Pin = -10dBm
ISORI
-48
-42
dBc
LO to RF leakage
ISOLR
-50
-35
dBm
1
– Items in min/max columns in bold italics are Guaranteed by Test
2
– All other Items in min/max columns are Guaranteed by Design Characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com