Electronic Components Datasheet Search
  English  ▼

X  

F1763 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1763
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1763 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1763 Datasheet HTML 12Page - Renesas Technology Corp F1763 Datasheet HTML 13Page - Renesas Technology Corp F1763 Datasheet HTML 14Page - Renesas Technology Corp F1763 Datasheet HTML 15Page - Renesas Technology Corp F1763 Datasheet HTML 16Page - Renesas Technology Corp F1763 Datasheet HTML 17Page - Renesas Technology Corp F1763 Datasheet HTML 18Page - Renesas Technology Corp F1763 Datasheet HTML 19Page - Renesas Technology Corp F1763 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
RF to IF Single Downconverting Mixer
1400MHz to 2500MHz
IDT Zero-Distortion
TM Mixer
16
Rev1 December 2013
IDTF1751NBGI
Datasheet
TOCS [IF = 200MHZ, LOW SIDE INJECTION] RF to IF leakage, OIP3, H2 (10)
RF to IF leakage vs. TCASE
-60
-50
-40
-30
-20
-10
0
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
105degC - +5.0V - 0dBm
25degC - +5.0V - 0dBm
-40degC - +5.0V - 0dBm
RF to IF leakage vs. Vcc
-60
-50
-40
-30
-20
-10
0
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +4.75V - 0dBm
25degC - +5.0V - 0dBm
25degC - +5.25V - 0dBm
HD2 vs. Input power
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
25degC - +5V - 0dBm - 1800MHz
25degC - +5V - 0dBm - 2000MHz
25degC - +5V - 0dBm - 2200MHz
25degC - +5V - 0dBm - 2400MHz
RF to IF leakage vs. Lo Level
-60
-50
-40
-30
-20
-10
0
1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600
RF Frequency (MHz)
25degC - +5.0V - 0dBm
25degC - +5.0V - 3dBm
25degC - +5.0V - -3dBm
OIP3 vs. Input power
0
5
10
15
20
25
30
35
40
45
50
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
25degC - +5V - 0dBm - 1800MHz
25degC - +5V - 0dBm - 2000MHz
25degC - +5V - 0dBm - 2200MHz
25degC - +5V - 0dBm - 2400MHz
OIP3 vs. Delta Frequency of two tones
0
5
10
15
20
25
30
35
40
45
50
0.8
2.8
4.8
6.8
8.8
10.8 12.8 14.8 16.8 18.8 20.8 22.8 24.8 26.8 28.8 30.8
Two tones Delta Frequency (MHz)
25degC - +5V - 0dBm - 1800MHz
25degC - +5V - 0dBm - 2000MHz
25degC - +5V - 0dBm - 2200MHz
25degC - +5V - 0dBm - 2400MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com